Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M75310 Datasheet(PDF) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M75310
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M75310 Datasheet(HTML) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

  M75310 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 8Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
2012-03-28
PHOTOELECTRIC SMOKE DETECTOR
WITH INTERCONNECT
SMOKE DETECTOR
M75310
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FUNCTIONAL BLOCK DIAGRAM
LOCAL ALARM TIMING DIAGRAM ( NOT TO SCALE ):
90%
10%
tw(ired)
10%
tf(ired)
tired4
tired6
tw(st)
tst4
tst6
tw(led)
tled1
(NO PULSES)
tled6
(AS OUTPUT)
(AS INPUT)
(AS OUTPUT)
ton (horn)
ton(horn)
toff(horn)
tr(io)
toff(horn)
NO SMOKE
REMOTE SMOKE
3 STROBE WITH SMOKE
TEST
3 STROBE WITHOUT SMOKE
IRED
(PIN 6)
STROBE
(PIN 4)
LED
(PIN 11)
I/O
(PIN 7)
( NO LOCAL SMOKE )
HORN
ENABLE
LOCAL SMOKE
(REMOTE SMOKE
= DON’T CARE)
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LOGIC
+
-
+
-
BAND-GAP
REFERENCE
OSCILLATOR
& TIMING
POWER-ON
RESET
LOW BATTERY
PHOTO AMP
VDD
VDD
DETECT
I/O
FEEDBACK
STROBE
IRED
VSS
C1
C2
HORN 2
VDD
LED
HORN 1
OSCC
OSCR
TEST
TRIP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com