Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M75310 Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M75310
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M75310 Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M75310 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 8Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
2012-03-28
PHOTOELECTRIC SMOKE DETECTOR
WITH INTERCONNECT
SMOKE DETECTOR
M75310
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
GENERAL DESCRIPTION
The M75310 is a very low-power IC providing all of the required features for a photoelectric type smoke detector.
This device can be used in conjunction with an infrared photoelectric chamber to sense scattered light from smoke particles.
A variable-gain photo amplifier can be directly interfaced to an infrared emitter / detector pair. The amplifier gain levels are
Determined by two external capacitors that are then internally selected depending on the operating mode. Low gain is selected
during standby and timer modes. During a local alarm this low gain is increased (internally) by ~ 10% to reduce false triggering.
High gain is used during the push-button test and during standby to periodically monitor the chamber sensitivity.
FEATURES
‧ Interconnect up to 50 detectors.
‧ Piezoelectric horn driver.
‧ Power-on reset.
‧ Built-in circuits to reduce false triggering.
‧ 6V to 12V operating voltage range.
‧ Average Supply Current:8μA
‧ ESD-Protection circuitry on all pins.
‧ Temporal horn pattern.
APPLICATIONS
‧ Smoke detector.
PIN ASSIGNMENT
C1
C2
DETECT
STROBE
VDD
IRED
I/O
TEST
HORN2
LED
HORN1
VSS
OSCR
TRIP
FEEDBACK
OSCC
116
89
M75310P


Similar Part No. - M75310

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M7538-MPX COMPUTAR-M7538-MPX Datasheet
205Kb / 1P
f=75mm F3.8 for 2/3 Type 16 Megapixel cameras, Fixed-focal C‐Mount
2024.03
M7538-MPX COMPUTAR-M7538-MPX Datasheet
1Mb / 2P
THE NEW STANDARD IN HIGH-RESOLUTION MACHINE VISION LENSES
05.26
More results

Similar Description - M75310

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
M75012 ETC2-M75012 Datasheet
166Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
logo
Microchip Technology
RE46C141 MICROCHIP-RE46C141 Datasheet
251Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C143 MICROCHIP-RE46C143 Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
logo
Allegro MicroSystems
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
logo
Microchip Technology
RE46C143E16F MICROCHIP-RE46C143E16F Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com