Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M75310 Datasheet(PDF) 6 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M75310
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M75310 Datasheet(HTML) 6 Page - MOSDESIGN SEMICONDUCTOR CORP

  M75310 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 8Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
2012-03-28
PHOTOELECTRIC SMOKE DETECTOR
WITH INTERCONNECT
SMOKE DETECTOR
M75310
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
* Limits over the operating temperature range are based on characterization data.
Characteristics are production tested at +25℃.
Typical values are at +25℃and are given for circuit design information only.
AC ELECTRICAL CHARACTERISTICS
(TA=-25℃ ~ 75℃)
Characteristics
Sym.
V
DD
Min.
Typ.
Max.
Unit
Conditions
Oscillator Period
T
OSC
9
9.5
10.5
11.5
ms
T
LED1
9
38.9
43
47.1
s
No Local or Remote Smoke
T
LED2
9None
——
s
Remote Smoke only
Led Pulse Period
T
LED3
9
0.6
0.67
0.74
s
Local Smoke or Test
Led Pulse Width
T
W (LED)
99.5
—
11.5
ms
T
ST1
99.67
—
11.83
s
No Local or Remote Smoke
T
ST4
9
9.67
10.7
11.83
s
Remote Alarm
T
ST5
938.9
—
47.1
s
Chamber Test or Low Supply Test, No Local Alarm
Strobe Pulse Period
T
ST6
9
0.302
1
0.37
s
Pushbutton Test, No Alarm
Strobe Pulse Width
T
W (ST)
99.5
—
11.5
ms
Remote Alarm
T
IRED1
99.67
—
11.83
s
No Local or Remote Smoke
T
IRED4
9
9.67
10.7
11.83
s
No Local or Remote Smoke
T
IRED5
938.9
—
47.1
s
Chamber Test, No Local Alarm
I
RED
Pulse Period
T
IRED6
9
0.302
0.336
0.37
s
Pushbutton Test, No Alarm
I
RED
Pulse Width
T
W (IRED)
994
—
116
μs
I
RED
Rise Time
T
r(IRED)
——
30
μs 10% to 90%
I
RED
Fall Time
T
f (IRED)
——
200
μs 90% to 10%
Horn Warning Pulse Period T
HORN
938.9
—
47.1
s
Low Supply and Degraded Chamber Sensitivity
Horn Warning Pulse Width T
W (HORN)
99.5
—
11.5
ms
Low Supply and Degraded Chamber Sensitivity
Horn ON Time
T
ON (HORN)
9
120
160
208
ms
Local or Remote Alarm
Horn OFF Time
T
OFF (HORN)
9
32
80
104
ms
Local or Remote Alarm
* Limits over the operating temperature range are based on characterization data.
Characteristics are production tested at +25℃.
Typical values are at +25℃and are given for circuit design information only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com