Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M75310 Datasheet(PDF) 5 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M75310
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M75310 Datasheet(HTML) 5 Page - MOSDESIGN SEMICONDUCTOR CORP

  M75310 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP M75310 Datasheet HTML 8Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
2012-03-28
PHOTOELECTRIC SMOKE DETECTOR
WITH INTERCONNECT
SMOKE DETECTOR
M75310
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
ABSOLUTE MAXIMUM RATING
Parameter
Sym.
Rating
Unit
Supply Voltage Range
V
DD
-0.5 ~ 13
V
Input Voltage Range
V
IN
-0.3 to V
DD + 0.3
V
Input Current
I
IN
10
mA
Operating Temperature Range
T
A
-25 ~ 75
℃
Storage Temperature Range
T
S
-55 to 125
℃
DC ELECTRICAL CHARACTERISTICS
(TA=-25℃ ~ 75℃)
Characteristics
Sym.
Pin
V
DD
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
V
DD
—
6.0
—
12
V
12
——
8
μA
Average Standby
12
——
2.0
mA
During Strobe ON, I
RED OFF
Operating Supply Current
I
DD
12
——
3.0
mA
During Strobe ON, I
RED ON
79
——
1.5
V
10
9
——
2.7
V
16
9
——
7.0
V
Low-Level Input Voltage
V
IL
15
9
——
0.5
V
79
3.2
——
V
10
9
6.3
——
V
16
9
8.5
——
V
High-Level Input Voltage
V
IH
15
9
1.6
——
V
12
12
——
100
nA
V
IN=VDD, Strobe Active, Pin12 @VDD
Input Leakage High
I
IH
15
12
——
100
nA
V
IN=VDD
12
12
——
-100
nA
V
IN=VST , Strobe Active, Pin12 @VDD
15
12
——
-100
nA
Input Leakage Low
I
IL
16
12
——
-1.0
μA
V
IN=VSS
16
9
0.5
—
10
μA
V
IN=VDD
(@V
DD =9V)
79
20
—
80
μA
No Local Smoke ,V
IN= VDD (@VDD=9V)
Input Pull-Down Current
I
IN
712
——
140
μA
No Local
11
6.5
——
0.6
V
I
O = 10mA
Low-Level Output Voltage
V
OL
8, 9
6.5
——
1.0
V
I
O = 16mA
High-Level Output Voltage
V
OH
8, 9
6.5
5.5
——
VI
O = -16mA
12
V
DD-0.1
——
V
Inactive , I
O = -1μA
Strobe Output Voltage
V
ST
4
9V
DD-5.6
—
V
DD-4.4
V
Active , I
O = 100μA to 500μA
Line Regulation
ΔV
ST(ΔVDD)
——
-60
—
dB
Active, V
DD= 6V to 12V
12
——
0.1
V
Inactive , I
O =1Μa , TA = +25℃
I
RED Output Voltage
V
IRED
6
9
2.25
3.0
3.75
V
Active , I
O = -6mA , TA = +25℃
Line Regulation
ΔV
IRED(ΔVDD)
——
-35
—
dB
Active, V
DD= 6V to 12V
High-Level Output Voltage
I
OH
79
-4.0
——
mA
V
DD= Alarm, I/O active, VO= VDD-2V
OFF Leakage Current High
I
OZ
11
12
——
1.0
μA
V
O= VDD
OFF Leakage Current Low
I
OZ
11
12
——
-1.0
μA
V
O= VSS
Low V
DD Alarm Threshold
V
DD
(th)
—
6.5
7.2
7.8
V
Common Mode Voltage
V
IC
1, 2, 3
—
V
DD-4
—
V
DD-2
V
Any Alarm Condition
Smoke Comparator Ref. Volt.
V
REF
Int.
—
V
DD-3.92
—
V
DD-3.08
V
Any Alarm Condition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com