Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP048 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP048
Description  TPS38700Q1EVM Voltage Sequencer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP048 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP048 Datasheet HTML 5Page - Texas Instruments LP048 Datasheet HTML 6Page - Texas Instruments LP048 Datasheet HTML 7Page - Texas Instruments LP048 Datasheet HTML 8Page - Texas Instruments LP048 Datasheet HTML 9Page - Texas Instruments LP048 Datasheet HTML 10Page - Texas Instruments LP048 Datasheet HTML 11Page - Texas Instruments LP048 Datasheet HTML 12Page - Texas Instruments LP048 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Table 2-1. BOM (continued)
DESIGNATOR
QTY
VALUE
DESCRIPTION
PACKAGE
REFERENCE
PART NUMBER
MANUFACTURER
R35
1
1.0 kΩ
RES, 1.0 kΩ, 5%, 0.1 W, AEC-
Q200 Grade 0, 0603
0603
CRCW06031K00JNEA
Vishay-Dale
R37, R38
2
21.0 kΩ RES, 21.0 kΩ, 1%, 0.1 W, 0603 0603
RC0603FR-0721KL
Yageo
R39, R40
2
0 Ω
0 Ω Jumper 0.1 W, 1/10 W Chip
Resistor 0603 (1608 Metric)
Automotive AEC-Q200 Thick
Film
0603
ERJ-3GEY0R00V
Panasonic
SW1, SW2, SW3
3
Switch Tactile N.O. SPST
Round Button J-Bend 32VAC
32 VDC 1VA 100000Cycles 3N
SMD Tube/T/R
SMD
KT11P3JM34LFS
C&K Components
TP1, TP2, TP3,
TP4, TP6, TP7,
TP8, TP9, TP10,
TP11, TP12,
TP13, TP14,
TP15, TP16,
TP18, TP19,
TP20, TP21,
TP22, TP23,
TP26, TP27,
TP28
24
Terminal, Turret, TH, Triple
TH
1598-2
Keystone
TP24, TP25
2
Test Point, Multipurpose,
Purple, TH
TH
5129
Keystone
U2
1
Automotive, Level-Shifting I2C
Bus Repeater, DGK0008A
(VSSOP-8)
VSSOP-8
TCA9517DGKRQ1
Texas Instruments
U3
1
Dual-Channel, Low-Power
Comparator with Integrated
Reference (USON)
USON
TLV4082DRYR
Texas Instruments
U4
1
1 A Low-Quiescent-Current
Low-Dropout (LDO) Regulator,
DRV0006A (WSON-6)
WSON-6
TLV75712PDRVR
Texas Instruments
U5
1
1 A Low-Quiescent-Current
Low-Dropout (LDO) Regulator,
DRV0006A (WSON-6)
WSON-6
TLV75718PDRVR
Texas Instruments
U1
1
ASIL-A Multichannel I2C
Programmable Voltage
Sequencer (VQFN)
VQFN
TPS38700CRGER
Texas Instruments
Y1
1
Crystal, 32.768 kHz, 12.5 pF,
SMD
SMD
NX3215SA-32.768K-STD-
MUA-8
NDK
www.ti.com
Schematic, Bill of Materials, and Layout
SNVU771A – JULY 2021 – REVISED APRIL 2022
Submit Document Feedback
TPS38700Q1EVM Voltage Sequencer
9
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com