Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP048 Datasheet(PDF) 19 Page - Texas Instruments

Part # LP048
Description  TPS38700Q1EVM Voltage Sequencer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP048 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP048 Datasheet HTML 15Page - Texas Instruments LP048 Datasheet HTML 16Page - Texas Instruments LP048 Datasheet HTML 17Page - Texas Instruments LP048 Datasheet HTML 18Page - Texas Instruments LP048 Datasheet HTML 19Page - Texas Instruments LP048 Datasheet HTML 20Page - Texas Instruments LP048 Datasheet HTML 21Page - Texas Instruments LP048 Datasheet HTML 22Page - Texas Instruments LP048 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
4 EVM Setup and Operation
This section describes the functionality and operation of the TPS38700Q1EVM. Refer to the TPS38700-Q1
Multichannel I2C Programmable Voltage Sequencer data sheet for details on the electrical characteristics of the
device.
The TPS38700Q1EVM comes pre-populated with the TPS38700C03ARGERQ1. The EVM is capable of
many different configurations in order to fully evaluate the functionality of all the TPS38700-Q1 device
variants. The default configuration of the EVM Jumpers is mentioned in the Table 3-2. The TPS38700Q1EVM
comes populated with I2C bus repeater, comparators, LDO, 32.768 kHz crystal and TPS38700C03ARGERQ1
programmable voltage sequencer.
The TPS38700Q1EVM also provides an option to apply a separate pull-up voltage to any of the ENABLE pins by
changing the position of jumper J6 to VENx and connecting the pull-up voltage to test points TP23.
Equipment Needed
• TPS38700Q1EVM
• TI's USB Interface Adapter (with ribbon cable)
• Power Supply (3.3 V)
• Function Generator (provide pulse input for evaluation)
• Multi-channel Oscilloscope (review evaluation waveforms)
• Jumper Cables (additional evaluation)
4.1 Setup and GUI Installations
Follow the steps below for EVM connections and GUI installation:
1. Connect VBAT (J1) and VDD (J2) to 3.3 V from the power supply.
2. Connect GND (J5) to ground from the power supply.
3. Make sure the jumpers are connected as per the guidelines in the Table 3-2.
4. Power on the power supply briefly to check if the voltage is at 3.3 V and the quiescent current is at 10 mA.
Once reviewed, power down the power supply.
5. Connect the Oscilloscope's channel 1 to TP1, channel 2 to TP2, and channel 3 to TP6.
6. Connect the function generator to TP6.
7. Connect the TI's USB Interface Adapter to J19 using a ribbon cable.
8. Connect the TI's USB Interface Adapter to the computer using the USB.
9. Final connections should look similar to . Figure 4-1.
www.ti.com
EVM Setup and Operation
SNVU771A – JULY 2021 – REVISED APRIL 2022
Submit Document Feedback
TPS38700Q1EVM Voltage Sequencer
19
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com