Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP048 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP048
Description  TPS38700Q1EVM Voltage Sequencer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP048 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP048 Datasheet HTML 13Page - Texas Instruments LP048 Datasheet HTML 14Page - Texas Instruments LP048 Datasheet HTML 15Page - Texas Instruments LP048 Datasheet HTML 16Page - Texas Instruments LP048 Datasheet HTML 17Page - Texas Instruments LP048 Datasheet HTML 18Page - Texas Instruments LP048 Datasheet HTML 19Page - Texas Instruments LP048 Datasheet HTML 20Page - Texas Instruments LP048 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
3 EVM Connectors
This section describes the connectors, jumpers, and test points on the EVM as well as how to connect, set up,
and properly use the EVM. Each device has an independent supply connection, but all grounds are connected
on the board.
3.1 EVM Test Points
Table 3-1 lists the EVM test points as well as their functional descriptions. All TPS38700-Q1 pins have a
corresponding test point on the EVM. These test points are located close to the pins for more accurate
measurements. In addition to the test points listed below, the EVM also has four additional GND test points.
Table 3-1. Test Points
TEST POINT
NUMBER
TEST POINT
SILKSCREEN
LABEL
FUNCTION
DESCRIPTION
TP1
EN1
Connection to EN1 pin
Allows the user to monitor the SENSE1 pin
TP2
EN2
Connection to EN2 pin
Allows the user to monitor the EN2 pin
TP3
EN3
Connection to EN3 pin
Allows the user to monitor the EN3 pin
TP4
EN4
Connection to EN4 pin
Allows the user to monitor the EN4 pin
TP6
ACT
Connection to ACT pin
Allows the user to set ACT input
TP7
EN5
Connection to EN5 pin
Allows the user to monitor the EN5 output
TP8
EN6
Connection to EN6 pin
Allows the user to monitor the EN6 output
TP9
NIRQ
Connection to NIRQ pin
Allows the user to monitor the NIRQ output
TP10
EN7
Connection to EN7 pin
Allows the user to monitor the EN7 output
TP11
EN8
Connection to EN8 pin
Allows the user to monitor the EN8 output
TP12
NRST
Connection to NRST pin
Allows the user to monitor the NRST output
TP13
EN9
Connection to EN9 pin
Allows the user to monitor the EN9 output
TP14
EN10/NEM_PD
Connection to EN10 pin and Emergency
Shutdown pin
Allows the user to monitor the EN10 output
TP15
SLEEP
Connection to SLEEP pin
Allows the user to set SLEEP input
TP16
EN11/NRST_IN
Connection to EN11 pin and Reset In
Allows the user to monitor the EN11 output
TP18
EN12/NPWR_BTN Connection to EN12 pin and Power Button
Allows the user to monitor the EN12 output
TP21
GND
GND for EVM
GND for EVM
TP22
CLK32K
Connection to CLK32K pin
Allows the user to monitor the CLK32K output
TP23
VENx
Connection to External Voltage
Allows the user to connect to an external voltage for
pulling up enable pins
TP26
GND
GND for EVM
GND for EVM
TP27
GND
GND for EVM
GND for EVM
TP28
GND
GND for EVM
GND for EVM
www.ti.com
EVM Connectors
SNVU771A – JULY 2021 – REVISED APRIL 2022
Submit Document Feedback
TPS38700Q1EVM Voltage Sequencer
17
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com