Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP048 Datasheet(PDF) 31 Page - Texas Instruments

Part # LP048
Description  TPS38700Q1EVM Voltage Sequencer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP048 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP048 Datasheet HTML 25Page - Texas Instruments LP048 Datasheet HTML 26Page - Texas Instruments LP048 Datasheet HTML 27Page - Texas Instruments LP048 Datasheet HTML 28Page - Texas Instruments LP048 Datasheet HTML 29Page - Texas Instruments LP048 Datasheet HTML 30Page - Texas Instruments LP048 Datasheet HTML 31Page - Texas Instruments LP048 Datasheet HTML 32Page - Texas Instruments LP048 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
8. Go to the Sequence Config tab. In the Pins mapping section, change the pin 19's (EN1) Power Up sequence
from 1st to 4th sequence. Now, the Enable 1 signal is part of the 4th power-up sequence. Hence, delaying
the signal by about 2 ms from Enable 2 signal (which is still part of the first power-up sequence).
Figure 4-20. TPS38700 GUI Window - Sequence Config Tab
9. Change the trigger in the oscilloscope from channel 1 to channel 3 to get the trigger from ACT pin.
10. Set the Function Generator to create a 3.3 V pulse waveform. Turn-on the output from the Function
Generator connected to the ACT pin to trigger the power-up sequence.
11. The output at the oscilloscope should look like the Figure 4-21 where green waveform is the pulse to the
ACT pin (TP6), red waveform is Enable 2 signal and blue waveform is the Enable 1 Signal.
Figure 4-21. Expected Output Signal
5 Revision History
Changes from Revision * (July 2021) to Revision A (April 2022)
Page
• Edited the TPS38700Q1EVM Schematic to reflect the new TPS38700-Q1 package pinout............................. 6
www.ti.com
Revision History
SNVU771A – JULY 2021 – REVISED APRIL 2022
Submit Document Feedback
TPS38700Q1EVM Voltage Sequencer
31
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com