Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C167 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSMF-C167
Description  Miniature Bi-Color Surface Mount Chip LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMF-C167 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HSMF-C167 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 6. Recommended reflow soldering profile.
Figure 7. Recommended soldering pad pattern.
NOTE:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
Figure 8. Reeling orientation.
Figure 9. Reel dimensions.
230°C MAX.
10 SEC. MAX.
4°C/SEC.
MAX.
OVER 2 MIN.
TIME
4°C/SEC. MAX.
140-160°C
–3°C/SEC. MAX.
0.30
(0.012)
0.60
(0.024)
0.40
(0.016)
0.40
(0.016)
0.70
(0.028)
0.70
(0.028)
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
10.50 ± 1.0 (0.413 ± 0.039)
59.60 ± 1.00
(2.346 ± 0.039)
Ø 20.20 MIN.
(Ø 0.795 MIN.)
6
PS
178.40 ± 1.00
(7.024 ± 0.039)
3.0 ± 0.5
(0.118 ± 0.020)
4.0 ± 0.5
(0.157 ± 0.020)
5.0 ± 0.5
(0.197 ± 0.020)
Ø 13.1 ± 0.5
(Ø 0.516 ± 0.020)
8.0 ± 1.0 (0.315 ± 0.039)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com