Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C167 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMF-C167
Description  Miniature Bi-Color Surface Mount Chip LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMF-C167 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMF-C167 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.
1.6
(0.063)
DIFFUSED EPOXY
PC BOARD
0.5
(0.020)
0.16
(0.006)
0.4 (0.016)
0.3
(0.012)
SOLDERING
TERMINALS
CATHODE LINE
LED DIES
0.8
(0.031)
3
1
24
0.4 (0.016)
3
1
2
4
GREEN
RED/YELLOW/ORANGE
POLARITY
CATHODE LINE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com