Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C167 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMF-C167
Description  Miniature Bi-Color Surface Mount Chip LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMF-C167 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMF-C167 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings at TA = 25˚C
Parameter
HSMF-C165/166/167
Units
DC Forward Current [1]
20
mA
Peak Pulsing Current[2]
100
mA
Power Dissipation
52
mW
Reverse Voltage (IR = 100 µA)
5
V
LED Junction Temperature
95
˚C
Operating Temperature Range
–30 to +85
˚C
Storage Temperature Range
–40 to +85
˚C
Soldering Temperature
See reflow soldering profile (Figure 6)
Notes:
1. Derate linearly as shown in Figure 4.
2. Pulse condition of 1/10 duty and 0.1 ms width.
Electrical Characteristics at TA = 25˚C
Forward Voltage
Reverse Breakdown
Capacitance
Thermal
VF (Volts)
VR (Volts)
C (pF), @ VF = 0,
Resistance
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
R
θJ–PIN (˚C/W)
Color
Typ.
Max.
Min.
Typ.
Typ.
HER
2.1
2.6
5
5
325
Orange
2.2
2.6
5
7
325
Yellow
2.1
2.6
5
6
325
Green
2.2
2.6
5
9
325
Optical Characteristics at TA = 25˚C
Color,
Luminous Intensity
Peak
Dominant
Viewing Angle
IV (mcd)
Wavelength
Wavelength
2
θ1/2
@ 20 mA[1]
λpeak (nm)
λd[2] (nm)
Degrees[3]
Color
Min.
Typ.
Typ.
Typ.
Typ.
HER
2.5
10.0
630
626
120
Orange
2.5
8.0
605
604
120
Yellow
2.5
8.0
589
586
120
Green
4.0
15.0
570
572
120
Notes:
1. The luminous intensity, IV, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the lamp
package.
2. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com