Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C167 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMF-C167
Description  Miniature Bi-Color Surface Mount Chip LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMF-C167 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMF-C167 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMF-C167 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
• Small 1.6 x 0.8 mm footprint
• Diffused optics
• Operating temperature range of
–30
°C to +85°C
• Compatible with reflow soldering
• Three color combinations
available: red/green, yellow/
green, orange/green
• Available in 8 mm tape on
7" (178 mm) diameter reels
Applications
• Keypad backlighting
• Symbol backlighting
• LCD backlighting
• Status indication
• Front panel indicator
Description
The HSMF-C16x series of bicolor
chip-type LEDs is designed in an
ultra small package for
miniaturization. It is the first of its
kind to achieve such small
packaging for 2 dies.
Agilent HSMF-C165, C166, C167
Miniature Bi-Color Surface Mount
Chip LEDs
Data Sheet
The small size, narrow footprint,
and low profile make this series of
LEDs excellent for backlighting,
status indication, and front panel
illumination applications.
Device Selection Guide
Part Number
Color
Parts per Reel
HSMF-C165
High Efficiency Red/Green
4000
HSMF-C166
Yellow/Green
4000
HSMF-C167
Orange/Green
4000


Similar Part No. - HSMF-C167

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C167 AVAGO-HSMF-C167 Datasheet
154Kb / 9P
Miniature Bi-Color Surface Mount ChipLEDs
More results

Similar Description - HSMF-C167

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-157RGB UOT-MSL-157RGB Datasheet
41Kb / 3P
Surface Mount Full Color Chip LEDs
logo
Dialight Corporation
597-77X1-2XX DIALIGHT-597-77X1-2XX Datasheet
37Kb / 2P
Surface Mount LED Bi-Color
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C16X AVAGO-HSMF-C16X Datasheet
154Kb / 9P
Miniature Bi-Color Surface Mount ChipLEDs
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
Chip LEDs with Bi-Color(Multi-Color)
logo
Unity Opto Technology
MSL-155XX UOT-MSL-155XX Datasheet
48Kb / 3P
Surface Mount Bi-Color Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C15X AVAGO-HSMF-C15X Datasheet
212Kb / 8P
Bi-color Surface Mount Chip LEDs
logo
Everlight Electronics C...
19-226-R6GHC-A03-2T EVERLIGHT-19-226-R6GHC-A03-2T Datasheet
186Kb / 12P
Chip LEDs with Bi-Color(Multi-Color)
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C150 AVAGO-HSMF-C150 Datasheet
403Kb / 7P
Bi Color Surface Mount ChipLED
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
Chip LEDs with Bi-Color(Multi-Color)
logo
Broadcom Corporation.
HSMF-C153 BOARDCOM-HSMF-C153 Datasheet
153Kb / 8P
Bi-color Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com