Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHT100JS6LE Datasheet(PDF) 30 Page - Exxelia Group

Part # 102SHT100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100JS6LE Datasheet(HTML) 30 Page - Exxelia Group

Back Button 102SHT100JS6LE Datasheet HTML 26Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 27Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 28Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 29Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 30Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 31Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 32Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 33Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 34Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
CERAMIC CAPACITORS
12
www.exxelia.com
info@exxelia.com
Page revised 06/20
Taping : dimensions
SOLDERING ADVICES FOR REFLOW SOLDERING
Dimensions
in inches
(in mm)
Reflow soldering
Wave soldering
I1
I2
I3
I1
I2
I3
0402
0.043
(1.1)
0.035
(0.9)
0.012
(0.3)
0.043
(1.1)
0.047
(1.2)
0.012
(0.3)
0403
0.055
(1.4)
0.035
(0.9)
0.012
(0.3)
0.055
(1.4)
0.047
(1.2)
0.012
(0.3)
0504
0.063
(1.6)
0.051
(1.3)
0.016
(0.4)
0.063
(1.6)
0.063
(1.6)
0.016
(0.4)
0603
0.055
(1.4)
0.059
(1.5)
0.02
(0.5)
0.055
(1.4)
0.071
(1.8)
0.02
(0.5)
0805
0.073 (1.85) 0.065 (1.65) 0.024
(0.6)
0.073 (1.85) 0.077 (1.95) 0.024
(0.6)
0907
0.094
(2.4)
0.065 (1.65) 0.035
(0.9)
0.094
(2.4)
0.077 (1.95) 0.035
(0.9)
1005
0.073 (1.85) 0.067
(1.7)
0.039
(1)
0.073 (1.85) 0.079
(2)
0.039
(1)
1206
0.083
(2.1)
0.067
(1.7)
0.059
(1.5)
0.083
(2.1)
0.079
(2)
0.059
(1.5)
1210
0.118
(3)
0.069 (1.75) 0.059
(1.5)
0.118
(3)
0.081 (2.05) 0.059
(1.5)
1605
0.073 (1.85) 0.071
(1.8)
0.087
(2.2)
0.073 (1.85) 0.083
(2.1)
0.087
(2.2)
1806
0.087
(2.2)
0.073 (1.85) 0.102
(2.6)
0.087
(2.2)
0.085 (2.15) 0.102
(2.6)
1812
0.152 (3.85) 0.073 (1.85) 0.102
(2.6)
0.152 (3.85) 0.085 (2.15) 0.102
(2.6)
1825
0.281 (7.15) 0.073 (1.85) 0.102
(2.6)
0.281 (7.15) 0.085 (2.15) 0.102
(2.6)
2210
0.13
(3.3)
0.079
(2)
0.146
(3.7)
0.13
(3.3)
0.091
(2.3)
0.146
(3.7)
2220
0.228
(5.8)
0.079
(2)
0.146
(3.7)
0.228
(5.8)
0.091
(2.3)
0.146
(3.7)
2225
0.281 (7.15) 0.079
(2)
0.146
(3.7)
0.281 (7.15) 0.091
(2.3)
0.146
(3.7)
l2
l3
User Guide
Large chips above size 2225 are not recommended
to be mounted on epoxy board due to thermal ex-
pansion coefficient mismatch between ceramic ca-
pacitor and epoxy. Where larger sizes are required,
it is recommended to use components with ribbon
or other adapted leads so as to absorb thermo-me-
chanical strains.
RECOMMENDED FOOTPRINT FOR SMD CAPACITORS
Ceramic is by nature a material which is sensitive both thermally and mechan-
ically. Stresses caused by the physical and thermal properties of the capaci-
tors, substrates and solders are attenuated by the leads.
Wave soldering is unsuitable for sizes larger than 2220 and for the higher ends
of capacitance ranges due to possible thermal shock (capacitance values giv-
en upon request).
Infrared and vapor phase reflow, are preferred for high reliability applications
as inherent thermo-mechanical strains are lower than those inherent to wave
soldering.
Whatever the soldering process is, it is highly recommended to apply a thermal
cycle, see hereafter our recommended soldering profile:
Preheat zone
0
50
100
150
200
250
0
12
3
4
5
Time (min)
215°C
250°C
20°C
>50°C/s
Natural cool down
RoHS
No RoHS
0
50
100
150
200
250
0
12
3
4
5
Time (min)
20°C
215°C-225°C
245°C-255°C
Natural
cool down
RoHS
No RoHS
0
50
100
150
200
250
0
12
3
4
Time (min)
20°C
300
250°C
280°C
Natural cool down
RoHS
No RoHS
RECOMMENDED VAPOR PHASE REFLOW PROFILE
RECOMMENDED IR REFLOW PROFIL
RECOMMENDED WAVE SOLDERING PROFILE
SOLDERING ADVICES FOR IRON SOLDERING
Attachment with a soldering iron is discouraged due to ceramic brittleness and
the process control limitations. In the event that a soldering iron must be used,
the following precautions should be observed:
• Use a substrate with chip footprints big enough to allow putting side by side
one end of the capacitor and the iron tip without any contact between this tip
and the component,
• place the capacitor on this footprint,
• heat the substrate until the capacitor’s temperature reaches 150°C minimum
(preheating step, maximum 1°C per second),
• place the hot iron tip (a flat tip is preferred) on the footprint without
touching the capacitor. Use a regulated iron with a 30 watts maximum
power. The recommended temperature of the iron is 270 ±10°C. The tem-
perature gap between the capacitor and the iron tip must not exceed 120°C,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com