Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHT100JS6LE Datasheet(PDF) 17 Page - Exxelia Group

Part # 102SHT100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100JS6LE Datasheet(HTML) 17 Page - Exxelia Group

Back Button 102SHT100JS6LE Datasheet HTML 13Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 14Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 15Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 16Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 17Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 18Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 19Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 20Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 21Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
CERAMIC CAPACITORS
133
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
Substances which display only, or mostly, diamagnetic behavior are termed diamag-
netic materials, or diamagnets. Materials referred to as diamagnetic are those which
are usually considered by non-physicists as “non magnetic”, and include water, DNA,
most organic compounds such as petroleum and certain plastics, and many metals
such as mercury, gold and bismuth.
I.4. Ferromagnetism
Ferromagnetism is defined as the phenomenon by which materials, such as iron, in
an external magnetic field, become magnetized and remain so for a period after the
material is no longer in the field.
I.5. Magnetic Susceptibility
Magnetic susceptibility (Xv) is the degree of magnetization of a material in response
to an applied magnetic field. If Xv is positive, then (1+Xv) > 1 and the material is said
to be paramagnetic. In this case, the magnetic field is strengthened by the presence of
the material. Conversely, if Xv is negative, then (1+Xv) < 1, and the material is termed
diamagnetic. As a result, the magnetic field is weakened in the presence of the material.
Class
Xv dependant
on B?
Dependent on
temperature? Hysterisis?
Example
Xv
Diamagnetic
No
No
No
Water
–9 x 10–6
Paramagnetic
No
Yes
No
Aluminum
2.2 x 10–5
Ferromagnetic
Yes
Yes
Yes
Iron
3000
I.6. Units
The International System of Units (abbreviated “SI” from the French “Système Interna-
tional d’unités”) is the modern form of the metric system. It is the world’s most widely
used system of units, both in everyday commerce and in science. The older metric sys-
tem included several base units. The SI was developed in 1960 from the old meter-ki-
logram-second (MKS) system, rather than the centimeter-gram-second (CGS) system,
which, likewise, had a number of variants.
The SI introduced several newly named units. The SI is not static, but a living set of
standards in which units are created and definitions are modified through international
agreement as the technology of measurement progresses.
Parameter
CGS System
Correcting Factor
SI unit
Magnetic Induction B
G (gauss)
10–4
T (tesla)
Applied Field H
Oe (oersted)
103/4π
A/m
Magnetization Mg
emu/erg/G
1
A.m2/kg
Mass Susceptibility Xg
cm3/g
4π x 10–3
m3/kg
Permeability µ
–
4π x 10–7
H/m
NB: when a material is paramagnetic, the best way to describe it is in terms of magnetic
susceptibility Xg. When the material is ferromagnetic, magnetization Mg is preferred.
The following formula could be used:
Mg = Xg x H
One should also note that:
Xv = Xg. [density]
II. EXPERIMENTAL SETUP
II.1. Magnetometer
Measurements were taken using a Quantum Design magnetometer, model MPMS-5.
The MPMS provides solutions for a unique class of sensitive magnetic measurements
in key areas such as high-temperature superconductivity, biochemistry and magnetic
recording media. This began developing significantly in 1988 with the discovery of a
new class of superconducting materials. While the basic application has not changed
greatly, its use has expanded to more than 530 installations worldwide.
The modular MPMS design integrates a SQUID detection system - Superconducting
Quantum Interference Device, a precision temperature control unit residing in the bore
of a high field superconducting magnet, and a sophisticated computer operating sys-
tem:
Maximum Sample Size: 9 mm;
Field Uniformity: 0.01% over 4 cm;
Temperature Range: 1.9-400 K;
Sensitivity of 10–7 emu-CGS.
II.2. Superconducting Quantum Interference Device
The main components of a SQUID (see Fig. 1) magnetometer are: (a) a superconducting
magnet; (b) a superconducting detection coil which is coupled inductively to the sam-
ple; (c) a SQUID connected to the detection coil; (d) a superconducting magnetic shield.
A description of each one is given below:
Fig. 1
II.2.1. Superconducting Magnet
A superconducting magnet is a solenoid made of superconducting wires (see Fig. 2).
The solenoid must be kept at liquid helium temperature in a liquid-helium medium. The
uniform magnetic field is produced along the axial cylindrical bore of the coil. Supercon-
ducting solenoids that produce magnetic fields in the range 5-18 Tesla are now com-
mercially available. A superconducting magnet requires an appropriate programmable
bipolar power supply for operation.
Fig. 2
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com