Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHT100JS6LE Datasheet(PDF) 5 Page - Exxelia Group

Part # 102SHT100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100JS6LE Datasheet(HTML) 5 Page - Exxelia Group

  102SHT100JS6LE Datasheet HTML 1Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 2Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 3Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 4Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 5Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CERAMIC CAPACITORS
121
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
III.1.2. Infrared Soldering
0°C
300°C
250°C
200°C
150°C
100°C
50°C
0s
30s 60s 90s 120s 150s 180s 210s 240s 270s 300s 330s 360s
ca. 45s ... 90s
>220°C
220°C
Preheating
Ramp down
rate <6K/s
Ramp up
rate <3K/s
235°C
245°C
Lead free SnAgCu solders – Infrared Soldering
0°C
300°C
250°C
200°C
150°C
100°C
50°C
0s
20s 40s 60s 80s 100s 120s 140s 160s 180s 200s 220s 240s
ca. 60s >180°C
215°C
Preheating
Ramp down
rate <6K/s
Ramp up
rate <3K/s
180°C
160°C
130°C
230°C
240°C
SnPb solders – Infrared Soldering
NB:
• these profiles are given for mid size components.
• continuous lines: typical process (terminal temperature).
• dotted lines: process limits, bottom process limit (terminal temperature),
upper process limit (top surface temperature).
III.1.3. Wave Soldering
0°C
300°C
250°C
200°C
150°C
100°C
50°C
0s
20s 40s 60s 80s 100s 120s 140s 160s 180s 200s 220s 240s
ca. 3.5 K/s typical
ca. 2 K/s
ca. 5 K/s
Preheating
First wave
SnPb: 235°C - 260°C
SnAgCu: 250°C - 260°C
T<150K
Second wave
10s max., max. contact time 5s per wave
Cooling
120°C
130°C
SnAgCu and SnPb solders - Double Wave Soldering
NB: • continuous lines: typical process.
• dotted lines: process limits.
III.2. Moisture Sensitivity Classification
Our standard lead-free terminations - S and C types - have been fully tested
and are compliant with the requirements mentioned in specification JEDEC STD
020 (level 1: not moisture sensitive).
III.3. Whiskers Classification
Our standard lead-free terminations - S and C types - have been fully tested
and are compliant with the requirements mentioned in specification JEDEC
STD 201. Our terminations exhibit a matte finish and receive a special heat
treatment to relieve stress inside the tin.
III.4. Pad Dimensions
The metalized pads on the end user’s substrate must be properly designed.
Improper spacing or dimensioning of the pads may result in poor solder joints
or a tombstone effect. Pad designs are given below for the most common sizes
of multilayer ceramic capacitors for both wave and reflow soldering.
X
L
D
X
Case Size
W
X
D
L
SHL (0402)
0.70mm
0.90mm
0.40mm
2.20mm
CHA / SHA (0505)
1.80mm
1.00mm
0.80mm
2.80mm
SHS (0603)
1.00mm
1.10mm
0.60mm
2.80mm
SHF (0805)
1.50mm
1.30mm
0.60mm
3.20mm
CHB / SHB (1111)
3.00mm
1.00mm
1.90mm
3.90mm
CPX / CLX (2225)
6.90mm
1.00mm
5.00mm
7.00mm
CPE / CLE (4040)
10.20mm
1.10mm
8.30mm
10.50mm
NB: these dimensions are suggested for a reflow soldering process. If a wave
soldering process is used, the X dimension has to be increased by 0.50mm
(0.40mm for L and A case sizes), thus leading to an increase of 1.00mm to the
L dimension (0.80mm for L and A case sizes).
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com