Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHT100JS6LE Datasheet(PDF) 1 Page - Exxelia Group

Part # 102SHT100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100JS6LE Datasheet(HTML) 1 Page - Exxelia Group

  102SHT100JS6LE Datasheet HTML 1Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 2Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 3Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 4Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 5Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CERAMIC CAPACITORS
147
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
FEATURES
• Lowest ESR in class, High Self-Resonant Frequencies,
RF capacitors
• Highest working voltage in class: 1,500V
• Standard EIA sizes: 0402 - 1111
• Capacitance range: 0.1pF - 1,000pF
• NPO, RoHS & REACH compliant
• Operating temperature up to 125°C*
• Laser Marked (optional)
APPLICATIONS
• Cellular Base Station Equipments
• Broadband Wireless Service
• Point to Point / Multipoint Radios
• RF Generators (NMR…)
CIRCUIT APPLICATIONS
• Filter Networks
• Matching Networks
• Tuning, Coupling and DC Blocking
PHYSICAL CHARACTERISTICS
• Chip capacitors for surface mounting with:
- Copper barrier and tinning or Silver/Palladium
(non magnetic)
- Nickel barrier and tinning
• Ribbon leads for surface mounting
ELECTRICAL AND ENVIRONMENTAL SPECIFICATIONS
Electrical specifications
Parameter
Value
Capacitance
0.2pF - 1,000pF
Tolerances
A, B, C, D below 10pF
F, G, J, K above 10pF
Working voltage (WVDC)
See capacitance range chart
Temperature coefficient
0 ±30ppm/°C, –55°C to +125°C
For SHF and SHS: 0 ±30ppm/°C, –55°C to +150°C
Insulation Resistance
105 MΩ min.
Dielectric Withstanding
(test voltage applied for 5 seconds)
2.5 x WVDC for WVDC ≤ 500V
1.8 x WVDC for extended range values ≥ 820pF
1.5 x WVDC for WVDC > 500V
Aging
none
Piezo Effect
none
Environmental specifications
Parameter
Value
Life Test
2,000 hours, +125°C at 2 x WVDC (standard WVDC range)
And SHB up to 100pF: 1,000 hours, 175°C at 500V
Moisture Resistance Test 1
240 hours, 85% relative humidity at 85°C
(ESA/SCC n°3009)
Moisture Resistance Test 2
56 days, 93% relative humidity at 40°C
0V, 5V, WVDC
* The temperature range for the SHB up to 100pF is upgrated from +125°C to +175°C.
The temperature withstanding for SHF and SHS is 150°C for the whole capacitance range.
HOW TO ORDER
501
SH
B
100
J
S
-
L
E
-RoHS
Voltage code
Dielectric
Size code
Capacitance code
Tolerance code
Termination code
Ribbon code
Marking code
Tape and reel
250 = 25V
500 = 50V
101 = 100V
201 = 200V
251 = 250V
301 = 300V
501 = 500V
601 = 600V
102 = 1,000V
152 = 1,500V
Please refer to voltage given
in capacitance range chart
SH =
NPO:
(0±30)
ppm/°C
L = 0402
S = 0603
A = 0505
F = 0805
N = 1206
T = 1210
B = 1111
Please refer to Cap.
Code given in
capacitance range
chart.
A = ±0.05pF
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
See note 1
S = Standard:
tin-plated nickel
Available on sizes 0505,
0603 and 1111:
C = Non-magnetic:
tin-plated copper
Available on sizes 0505,
0805 (from 0.5pF to 150pF,
consult us for higher cap.
value), 1206 and 1210:
A = Non-magnetic:
silver/palladium
See note 2
-: no lead or ribbon
Available on size
1111:
1 = Micro-strip
ribbons
6 = Radial Wires
See note 3
-: no marking
Available on sizes
0505 and 1111:
L = laser marking
-: no tape and reel
E = Tape and reel
packaging
Number of compo-
nents per reel:
SHL: 10,000
SHA: 3,000
SHS: 4,000
SHF: 4,000
SHN: 3,000
SHT: 3,000
SHB: 1,000
The RoHS tag is
not part of the
reference
Tag added at the
end of P/N
for information
Note 1: For capacitance values less than 10pF, tolerances B, C and D available. Tolerance code A available for: L case for capacitance values of 0.2pF - 1.9pF. A case for capacitance values of 0.2pF - 4.7pF. S case for capacitance values of 0.2pF -
9.1pF. F case for capacitance values of 0.3pF - 2.2pF. N case for capacitance values of 0.5pF - 1.8pF. B case for capacitance values of 0.2pF - 3.3pF. For capacitance values of 10pF or higher, tolerances F, G, J and K available.
Note 2: All terminations are backward compatible and lead-free. The non-magnetic terminations are all Magnetism-free Rated.
Note 3: When coding ribbons for the description of the part, the termination has to be mentioned for MR certified types to ensure that only non-magnetic materials are used.
Note 4: Ribbon lead styles capacitors are not available in Tape and Reel.
Examples: 501 SHB 470 J1L any termination material could be used. 501 SHB 470 JC1L only non-magnetic termination materials could be used. Please consult us for specific requirements.
Capacitance
Breakdown voltage Vpeak (V)
15 pF
2700
39 pF
2000
100 pF
1400
Typical Breakdown Voltage SHB 45 MHz DC = 1%
Super HiQ
SH Series


Similar Part No. - 102SHT100JS6LE

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
102S1HB04 ASHCROFT-102S1HB04 Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
102S1HB1A ASHCROFT-102S1HB1A Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
102S1HB1B ASHCROFT-102S1HB1B Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
102S1HB1C ASHCROFT-102S1HB1C Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
102S1HB1D ASHCROFT-102S1HB1D Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
More results

Similar Description - 102SHT100JS6LE

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5S3Z2C1P OPTOSUPPLY-OSB5S3Z2C1P Datasheet
100Kb / 1P
Super Flux Super Blue LED
OSB5SAZ2C1D OPTOSUPPLY-OSB5SAZ2C1D Datasheet
102Kb / 1P
Super Flux Super Blue LED
OSB5SAZ3K1D OPTOSUPPLY-OSB5SAZ3K1D Datasheet
98Kb / 1P
Super Flux Super Blue LED
OSO5SAZ2C1D OPTOSUPPLY-OSO5SAZ2C1D Datasheet
101Kb / 1P
Super Flux Super Orange LED
OSO5SAZ3K1D OPTOSUPPLY-OSO5SAZ3K1D Datasheet
98Kb / 1P
Super Flux Super Orange LED
OSO5SAZ161D OPTOSUPPLY-OSO5SAZ161D Datasheet
105Kb / 1P
Super Flux Super Orange LED
OSB56LZ4E1D OPTOSUPPLY-OSB56LZ4E1D Datasheet
153Kb / 1P
Super Flux Super Blue LED
OSB56LZ2C1D OPTOSUPPLY-OSB56LZ2C1D_11 Datasheet
112Kb / 1P
Super Flux Super Blue LED
logo
Kemet Corporation
CBR02C330F9GAC KEMET-CBR02C330F9GAC_16 Datasheet
1Mb / 18P
HiQ-CBR Series, C0G Dielectric, Low ESR 6.3 - 500 VDC, 1 MHz - 50 GHz (RF & Microwave)
CBR04C330F5GACAUTO KEMET-CBR04C330F5GACAUTO Datasheet
999Kb / 15P
HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com