Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BRJ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG3242BRJ-R2
Description  2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADG3242BRJ-R2 Datasheet HTML 1Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 2Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 3Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
ADG3242
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
Digital Inputs to GND . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
DC Output Current . . . . . . . . . . . . . . . . . 25 mA per Channel
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 206
°C/Ω
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 sec) . . . . . . . . . . . . 235
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
PIN CONFIGURATION
8-Lead SOT-23
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
ADG3242
GND
A1
BE
B0
SEL
VCC
A0
B1
ORDERING GUIDE
Model
Temperature Range
Package Description
Package
Branding
ADG3242BRJ-R2
–40
°C to +85°CSOT-23 (Small Outline Transistor)
RJ-8
SCA
ADG3242BRJ-REEL
–40
°C to +85°CSOT-23 (Small Outline Transistor)
RJ-8
SCA
ADG3242BRJ-REEL7
–40
°C to +85°CSOT-23 (Small Outline Transistor)
RJ-8
SCA
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADG3242 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Table I. Truth Table
BE
SEL*
Function
LL
A0 = B0, A1 = B1, 3.3 V to 1.8 V
Level Shifting
LH
A0 = B0, A1 = B1, 3.3 V to 2.5 V/2.5 V to 1.8 V
Level Shifting
HX
Disconnect
*SEL = 0 V only when VDD = 3.3 V
± 10%.
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
BE
Bus Enable (Active Low)
2A0
Port A0, Input or Output
3A1
Port A1, Input or Output
4GND
Ground Reference
5B1
Port B1, Input or Output
6B0
Port B0, Input or Output
7
SEL
Level Translation Select
8VCC
Positive Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com