Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BRJ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG3242BRJ-R2
Description  2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG3242BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 10Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 11Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
ADG3242
–9–
BUS SWITCH APPLICATIONS
Mixed Voltage Operation, Level Translation
Bus switches can provide an ideal solution for interfacing
between mixed voltage systems. The ADG3242 is suitable for
applications where voltage translation from 3.3 V technology to
a lower voltage technology is needed. This device can translate
from 3.3 V to 1.8 V, from 2.5 V to 1.8 V, or bidirectionally
from 3.3 V directly to 2.5 V.
Figure 4 shows a block diagram of a typical application in which
a user needs to interface between a 3.3 V ADC and a 2.5 V
microprocessor. The microprocessor may not have 3.3 V toler-
ant inputs, therefore placing the ADG3242 between the two
devices allows the devices to communicate easily. The bus
switch directly connects the two blocks, therefore introducing
minimal propagation delay, timing skew, or noise.
3.3V ADC
2.5V
3.3V
2.5V
MICROPROCESSOR
3.3V
Figure 4. Level Translation between a 3.3 V ADC
and a 2.5 V Microprocessor
3.3 V to 2.5 V Translation
When VCC is 3.3 V (SEL = 3.3 V) and the input signal range is
0 V to VCC, the maximum output signal will be clamped to
within a voltage threshold below the VCC supply. In this case,
the output will be limited to 2.5 V, as shown in Figure 6. This
device can be used for translation from 2.5 V to 3.3 V devices
and also between two 3.3 V devices.
ADG3242
2.5V
2.5V
3.3V
2.5V
3.3V
Figure 5. 3.3 V to 2.5 V Voltage Translation,
SEL = V
CC
VIN
2.5V
VOUT
0V
3.3V
SWITCH
INPUT
3.3V SUPPLY
SEL = 3.3V
Figure 6. 3.3 V to 2.5 V Voltage Translation,
SEL = V
CC
2.5 V to 1.8 V Translation
When VCC is 2.5 V (SEL = 2.5 V) and the input signal range is
0 V to VCC, the maximum output signal will, as before, be clamped
to within a voltage threshold below the VCC supply. In this case,
the output will be limited to approximately 1.8 V, as shown
in Figure 8.
ADG3242
1.8V
2.5V
2.5V
Figure 7. 2.5 V to 1.8 V Voltage Translation,
SEL = 2.5 V
CC
VIN
1.8V
VOUT
0V
2.5V
SWITCH
INPUT
2.5V SUPPLY
SEL = 2.5V
Figure 8. 2.5 V to 1.8 V Voltage Translation,
SEL = V
CC
3.3 V to 1.8 V Translation
The ADG3242 offers the option of interfacing between a 3.3 V
device and a 1.8 V device. This is possible through use of the
SEL pin. The SEL pin is an active low control pin. SEL acti-
vates internal circuitry in the ADG3242 that allows voltage
translation between 3.3 V devices and 1.8 V devices.
When VCC is 3.3 V and the input signal range is 0 V to VCC, the
maximum output signal will be clamped to 1.8 V, as shown in
Figure 9. To do this, the
SEL pin must be tied to Logic 0. If
SEL is unused, it should be tied directly to V
CC.
ADG3242
1.8V
3.3V
3.3V
Figure 9. 3.3 V to 1.8 V Voltage Translation,
SEL = 0 V
VIN
1.8V
VOUT
0V
3.3V
SWITCH
INPUT
3.3V SUPPLY
SEL = 0V
Figure 10. 3.3 V to 1.8 V Voltage Translation,
SEL = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com