Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BRJ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG3242BRJ-R2
Description  2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG3242BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 10Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 11Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. 0
–10–
ADG3242
Bus Isolation
A common requirement of bus architectures is low capacitance
loading of the bus. Such systems require bus bridge devices that
extend the number of loads on the bus without exceeding the
specifications. Because the ADG3242 is designed specifically for
applications that do not need drive yet require simple logic
functions, it solves this requirement. The device isolates access
to the bus, thus minimizing capacitance loading.
BUS/
BACKPLANE
LOAD A
LOAD C
LOAD B
LOAD D
BUS SWITCH
LOCATION
Figure 11. Location of Bus Switched in a Bus
Isolation Application
Hot Plug and Hot Swap Isolation
The ADG3242 is suitable for hot swap and hot plug applications.
The output signal of the ADG3242 is limited to a voltage that is
below the VCC supply, as shown in Figures 6, 8, and 10. Therefore
the switch acts like a buffer to take the impact from hot insertion,
protecting vital and expensive chipsets from damage.
In hot plug applications, the system cannot be shut down when
new hardware is being added. To overcome this, a bus switch can
be positioned on the backplane between the bus devices and the
hot plug connectors. The bus switch is turned off during hot plug.
Figure 12 shows a typical example of this type of application.
PLUG-IN
CARD (1)
CARD I/O
CARD I/O
RAM
CPU
PLUG-IN
CARD (2)
Figure 12. ADG3242 in a Hot Plug Application
There are many systems, such as docking stations, PCI boards
for servers, and line cards for telecommunications switches, that
require the ability to handle hot swapping. If the bus can be
isolated prior to insertion or removal, there is more control over
the hot swap event. This isolation can be achieved using bus
switches. The bus switches are positioned on the hot swap card
between the connector and the devices. During hot swap, the
ground pin of the hot swap card must connect to the ground pin
of the backplane before any other signal or power pins.
Analog Switching
Bus switches can be used in many analog switching applications,
for example, video graphics. Bus switches can have lower on
resistance, smaller ON and OFF channel capacitance, and thus
improved frequency performance than their analog counterparts.
The bus switch channel itself, consisting solely of an NMOS
switch, limits the operating voltage (see TPC 1 for a typical
plot), but in many cases, this does not present an issue.
High Impedance during Power-Up/Power-Down
To ensure the high impedance state during power-up or power-
down,
BE should be tied to V
CC through a pull-up resistor; the
minimum value of the resistor is determined by the current-
sinking capability of the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com