Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BRJ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3242BRJ-R2
Description  2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG3242BRJ-R2 Datasheet HTML 2Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 3Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
–6–
ADG3242
IO (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
0.02
0.04
0.06
0.08
0.10
0
VCC = 3.3V; SEL = 0V
VCC = SEL = 3.3V
VCC = SEL = 2.5V
TA = 25 C
VA = 0V
BE = 0
TPC 10. Output Low Characteristic
2
0
1
–2
–1
–4
–3
0.03 0.1
1.0
FREQUENCY (MHz)
10
1000
100
–6
–7
–5
–8
TA = 25 C
VCC = 3.3V/2.5V
SEL = VCC
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
TPC 13. Bandwidth vs. Frequency
4.0
3.5
3.0
–40
–20
0
TEMPERATURE ( C)
20
80
60
40
2.5
2.0
1.5
1.0
0.5
0
VCC = SEL = 3.3V
ENABLE
DISABLE
ENABLE
DISABLE
VCC = 3.3V, SEL = 0V
TPC 16. Enable/Disable Time
vs. Temperature
IO (A)
0
–0.10
0.5
1.0
1.5
2.0
2.5
3.0
TA = 25 C
VA = VCC
BE = 0
VCC = SEL = 2.5V
VCC = 3.3V; SEL = 0V
VCC = SEL = 3.3V
–0.08
–0.06
–0.04
–0.02
0
TPC 11. Output High Characteristic
0
–20
–10
–40
–30
–60
–50
0.03 0.1
1.0
FREQUENCY (MHz)
10
1000
100
–80
–90
–70
–100
TA = 25 C
VCC = 3.3V/2.5V
SEL = VCC
VIN = 0dBm
N/W ANALYZER
RL = RS = 50
TPC 14. Crosstalk vs. Frequency
4.0
3.5
3.0
–40
–20
0
TEMPERATURE ( C)
20
80
60
40
2.5
2.0
1.5
1.0
0.5
0
VCC = SEL = 2.5V
ENABLE
DISABLE
TPC 17. Enable/Disable Time
vs. Temperature
0
–0.2
–0.4
0
0.5
1.0
VA/VB (V)
1.5
3.0
2.5
2.0
–0.6
–0.8
–1.0
–1.2
VCC = 3.3V
VCC = 2.5V
TA = 25 C
SEL = VCC
ON
OFF
CL = 1nF
TPC 12. Charge Injection vs.
Source Voltage
FREQUENCY (MHz)
0.1
1000
110
–90
0
TA = 25 C
VCC = 3.3V/2.5V
SEL = V
CC
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
–100
–80
–70
–60
–50
–40
–30
–20
–10
100
TPC 15. Off Isolation vs. Frequency
DATA RATE (Gbps)
0.5
60
70
80
90
100
50
40
30
20
10
0
VCC = SEL = 3.3V
VIN = 1.5V p-p
20dB ATTENUATION
0.7
0.9
1.1
1.3
1.5
1.7
1.9
TPC 18. Jitter vs. Data Rate;
PRBS 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com