Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL82SD Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 9Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 10Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 11Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 12Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 13Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 14Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 15Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 16Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
13
www.quicklogic.com
Figure 13: Data/Clock Channel, 4:1 Receive Mode
Figure 14: Data/Clock Channel, 7:1 Receive Mode
Figure 15: Data/Clock Channel, 8:1 Receive Mode
Figure 16: Data/Clock Channel, 10:1 Receive Mode
Clock Frequency (MHz)
5
20
40
60
80
100
120 140
160
15
20
25
Supply Current at VCCRX = 3.3 V, VCC = 2.5 V
10
Clock Frequency (MHz)
Supply Current at VCCRX = 3.3 V, VCC = 2.5 V
0
10
30
50
70
90
20
10
5
15
Clock Frequency (MHz)
10
20
30
40
50
60
70
80
90
5
Supply Current at VCCRX = 3.3 V, VCC = 2.5 V
20
15
10
0
Clock Frequency (MHz)
Supply Current at VCCRX = 3.3 V, VCC = 2.5 V
0
10
15
20
5
20
25
30
35
40
45
50
55
60 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com