Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL82SD Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 45Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 46Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 47Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 48Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 49Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 50Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 51Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 52Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
49
www.quicklogic.com
LVDS SERDES Internal Signals (Channel Clocks A and B)
NOTE: All ClkA signals above repeat for ClkB. SERDES channel clocks A and B are
identical.
208 PQFP Pinout Diagram
Figure 56: QL82SD - 208PQFP Pinout Diagram
Table 41: LVDS SERDES Internal Signals (Channel Clocks A and B)
Signal Name
Description
ClkA_rst
Channel Clock A Reset Signal
ClkA_oe
Channel Clock A Output Enable (1 =transmit, 0=receive)
ClkA_en
Channel Clock A Enable (reduces power when set to 0)
ClkA_mode[1:0]
Channel Clock A MODE pins. See the SERDES Channel Clock Functional
Description
ClkA_txclk
Channel Clock A Parallel Transmit Clock
ClkA_rxclk
Channel Clock A Parallel Receive Clock
QuickSD
QL82SD-6PQ208C
Pin #1
Pin #53
Pin #105
Pin #157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com