Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL82SD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL82SD Datasheet HTML 1Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 2Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 3Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 4Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 5Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 6Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 7Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 8Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
• • • • • •
Preliminary
1
www.quicklogic.com
Device Highlights
LVDS SERDES Basic Features
•
10 High Speed Bus LVDS Serial Links—
bandwidth up to 5 Gbps
•
Eight Independent Bus LVDS serial
transceivers with operating speeds to 632
Mbps per channel
•
Two Independent Bus LVDS clock serial
transceivers with operating speeds to
400 MHz per channel
•
Integrated clock and data recovery (CDR)
with no external analog components
required
•
CDR bypass for applications with external
clock source
•
Programmable serial to parallel
configuration
•
10-bit data width—with
•
clock recovery
•
4-bit, 7-bit and 8-bit data widths—
with external clock
•
1-bit asynchronous level conversion
•
Fast Lock and Random (auto) Lock capable
•
Lock signal feedback
•
I/O support for LVTTL, LVCMOS, PCI,
GTL+, SSTL2, SSTL3, LVDS, LVPECL
•
Low Power/Independent power-down
mode for each SERDES channel
•
IEEE1149.1 JTAG Support &
boundary scan
•
Operation over PCB or backplane traces, or
across twisted pair cabling up to 25 m
•
Point-to-Point, Multi-Point, and Multi-Drop
Support
•
Pre-Emphasis Control on each LVDS
Channel Link
Extended Features
The following can be implemented into the
programmable logic:
•
UTOPIA Level 2, 16-bit wide System
interface (up to 50 MHz) with parity support
for ATM applications
•
UTOPIA Level 3 compatible 8-bit wide
system Interface (up to 100 MHz) with parity
support for ATM applications
•
CSIX-L1 32-bit switch fabric interface (up to
100 MHz)
•
Supports Generic 8,16,32-bit
microprocessor bus interface for
configuration, control and status monitoring
•
Supports Generic 32, 64-bit peripheral bus
interface for bridging functions
Flexible Programmable Logic
•
2,016 Programmable Logic Cells
•
536 K System Gates
•
Muxed architecture; non-volatile technology
•
Completely customizable for any digital
application
Dual Port SRAM Blocks
•
36 Dual Port SRAM Blocks
•
Configurable array sizes (by 2, 4, 9, 18)
•
< 3 ns access times, FIFO capable of over
300 MHz
•
Configurable as RAM or FIFO
QL82SD Device Data Sheet


Similar Part No. - QL82SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8250 ETC-QL8250 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
More results

Similar Description - QL82SD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
10-Bit Bus LVDS Serializers
Rev 0; 5/01
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
High Speed Mezzanine for 10.0 Gbps Bandwidth
logo
Hirose Electric
IT3D-100S-BGA37 HIROSE-IT3D-100S-BGA37 Datasheet
1Mb / 20P
High-Speed(10Gbps) BGA Mezzanine Connectors
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
10-Bit Bus LVDS Deserializers
Rev 2; 11/10
logo
FCI connector
58441-001LF FCI-CONNECTOR-58441-001LF Datasheet
287Kb / 4P
EYEMAX짰 4X HIGH-SPEED SERIAL I/O LINKS
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
10-Bit Bus LVDS Serializers
Rev 2; 10/12
logo
Microsemi Corporation
VSC7440 MICROSEMI-VSC7440 Datasheet
6Mb / 444P
L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com