Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL82SD Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 23Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 24Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 25Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 26Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 27Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 28Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 29Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 30Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
27
www.quicklogic.com
Table 26: Output Register Cell
Figure 39: Output Register Cell Timing
Electrical Specification - RAM Block
Figure 40: RAM Module
Symbol
Parameter
Propagation delay (ns)
Output Register Cell Only
tOUTLH
Output Delay low to high (10% of H)
0.40
tOUTHL
Output Delay high to low (90% of H)
0.55
tPZH
Output Delay tri-state to high (10% of Z)
2.94
tPZL
Output Delay tri-state to low (90% of Z)
2.34
tPHZ
Output Delay high to tri-State
3.07
tPLZ
Output Delay low to tri-State
2.53
tCO
Clock to out delay
3.15 (fast slew) 10.2(slow slew)
L
H
L
H
tOUTLH
tOUTHL
L
H
Z
tPZH
L
H
Z
tPZL
L
H
Z
tPLZ
L
H
Z
tPHZ
WA
WD
WE
WCLK
RE
RCLK
RA
RD
[9:0]
[17:0]
[9:0]
[17:0]
MODE
ASYNCRD
[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com