Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0980-TJS Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T0980-TJS
Description  SiGe Transmit/ Receive Frontend IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0980-TJS Datasheet(HTML) 2 Page - ATMEL Corporation

  T0980-TJS Datasheet HTML 1Page - ATMEL Corporation T0980-TJS Datasheet HTML 2Page - ATMEL Corporation T0980-TJS Datasheet HTML 3Page - ATMEL Corporation T0980-TJS Datasheet HTML 4Page - ATMEL Corporation T0980-TJS Datasheet HTML 5Page - ATMEL Corporation T0980-TJS Datasheet HTML 6Page - ATMEL Corporation T0980-TJS Datasheet HTML 7Page - ATMEL Corporation T0980-TJS Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
T0980
4584A–SIGE–01/03
Pin Configuration
Figure 2. Pinning PSSOP16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
POUT_
CONTROL
GND
LNA_IN
GND
BIAS_LNA
V2_PA_OUT
V2_PA_OUT
V1_PA
GND
PA_IN
GND
LNA_OUT
VS_CTRL
V2_PA_OUT
GND
T0980
Pin Description
Pin
Symbol
Function
1
V2_PA_OUT
Inductor to power supply and matching network for power amplifier output
2
V2_PA_OUT
Inductor to power supply and matching network for power amplifier output
3
GND
Ground
4
POUT_CONTROL
Power amplifier control input
5
GND
Ground
6
LNA_IN
Low-noise amplifier input
7
GND
Ground
8
BIAS_LNA
Resistor to V
S sets the LNA current
9
VS_CTRL
Supply voltage for control of power amplifier
10
LNA_OUT
Low-noise amplifier output and supply voltage
11
GND
Ground
12
PA_IN
Power amplifier input
13
GND
Ground
14
V1_PA
Supply voltage for power amplifier
15
GND
Ground
16
V2_PA_OUT
Matching network for power amplifier output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com