Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0980-TJS Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T0980-TJS
Description  SiGe Transmit/ Receive Frontend IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0980-TJS Datasheet(HTML) 5 Page - ATMEL Corporation

  T0980-TJS Datasheet HTML 1Page - ATMEL Corporation T0980-TJS Datasheet HTML 2Page - ATMEL Corporation T0980-TJS Datasheet HTML 3Page - ATMEL Corporation T0980-TJS Datasheet HTML 4Page - ATMEL Corporation T0980-TJS Datasheet HTML 5Page - ATMEL Corporation T0980-TJS Datasheet HTML 6Page - ATMEL Corporation T0980-TJS Datasheet HTML 7Page - ATMEL Corporation T0980-TJS Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
T0980
4584A–SIGE–01/03
Typical Characteristics
Figure 3. Power Sweep
Figure 4. Ramp Sweep
Figure 5. V
CC Sweep
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
Pin (dBm)
Pout
Gain
PAE
0
10
20
30
40
50
60
70
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Vramp (V)
Pout
PAE
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
1.0
2.0
3.0
4.0
5.0
V
CC (V)
PAE
Pout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com