Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0980-TJS Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T0980-TJS
Description  SiGe Transmit/ Receive Frontend IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0980-TJS Datasheet(HTML) 1 Page - ATMEL Corporation

  T0980-TJS Datasheet HTML 1Page - ATMEL Corporation T0980-TJS Datasheet HTML 2Page - ATMEL Corporation T0980-TJS Datasheet HTML 3Page - ATMEL Corporation T0980-TJS Datasheet HTML 4Page - ATMEL Corporation T0980-TJS Datasheet HTML 5Page - ATMEL Corporation T0980-TJS Datasheet HTML 6Page - ATMEL Corporation T0980-TJS Datasheet HTML 7Page - ATMEL Corporation T0980-TJS Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
• Power Amplifier with High Power Added Efficient (PAE),
P
out Typically 29 dBm
• Controlled Output Power
• Low-noise Preamplifier (NF Typically 1.7 dB)
• Few External Components
• PSSO16 Plastic Package with Down Set Paddle
Description
The T0980 is a monolithic IC manufactured with Atmel’s advanced SiGe technology.
The IC performs a transmit and receive front-end dedicated for a frequency range of
400 MHz to 500 MHz. It consists of a Low-Noise Amplifier (LNA) and a Power Ampli-
fier (PA) with good Power Efficiency (PAE).
Electrostatic sensitive device.
Observe precautions for handling.
Figure 1. Block Diagram
16
13
11
9
1
3
5
8
Bias
SiGe Transmit/
Receive Front-
end IC
T0980
Rev. 4584A–SIGE–01/03


Similar Part No. - T0980-TJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T090 ETC1-T090 Datasheet
130Kb / 1P
DIL 14 PIN SINGLE OUTPUT
T090312 ETC1-T090312 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
logo
ATMEL Corporation
T0905 ATMEL-T0905 Datasheet
219Kb / 9P
General- purpose VHF/UHF Power Amplifier (135 to 600 MHz)
logo
List of Unclassifed Man...
T0905 ETC1-T0905 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
logo
ATMEL Corporation
T0905-TSPH ATMEL-T0905-TSPH Datasheet
219Kb / 9P
General- purpose VHF/UHF Power Amplifier (135 to 600 MHz)
More results

Similar Description - T0980-TJS

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5280 RENESAS-F5280 Datasheet
230Kb / 3P
Transmit/Receive Half-Duplex IC 25GHz to 31GHz
F5288 RENESAS-F5288 Datasheet
234Kb / 3P
Transmit/Receive Half Duplex IC 26.5GHz to 29.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com