Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0980-TJS Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T0980-TJS
Description  SiGe Transmit/ Receive Frontend IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0980-TJS Datasheet(HTML) 3 Page - ATMEL Corporation

  T0980-TJS Datasheet HTML 1Page - ATMEL Corporation T0980-TJS Datasheet HTML 2Page - ATMEL Corporation T0980-TJS Datasheet HTML 3Page - ATMEL Corporation T0980-TJS Datasheet HTML 4Page - ATMEL Corporation T0980-TJS Datasheet HTML 5Page - ATMEL Corporation T0980-TJS Datasheet HTML 6Page - ATMEL Corporation T0980-TJS Datasheet HTML 7Page - ATMEL Corporation T0980-TJS Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
T0980
4584A–SIGE–01/03
Absolute Maximum Ratings
All voltages are referred to GND
Parameters
Symbol
Min.
Max.
Unit
Supply voltage PA, TX Pins 1, 2, 9 and 14
V
S_PA
4.8
V
Supply voltage LNA, RX Pin 10
V
S_LNA
2.8
V
Junction temperature
T
jmax
150
°C
Storage temperature
T
Stg
-55
+125
°C
Electrostatic handling HMB; Pins 1, 2, 6, 10, 12 and 16
V
ESD
200
V
Electrostatic handling HMB; Pins 3, 4, 5, 7, 8, 9, 11, 13, 14 and 15
V
ESD
2000
V
Operating Range
All voltages are referred to GND. The following table represents the sum of all supply currents.
Parameters
Test Conditions/Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage PA
TX, Pins 1, 2, 9 and 14
V
S_PA
3.6
4.5
V
Supply voltage LNA
RX, Pin 10
V
S_LNA
2.5
2.6
V
Supply current PA
TX, Pins 1, 2, 9 and 14
I
S_PA
400
mA
Supply current LNA
Pins 10 and 8
I
S_LNA
2.5
mA
Ambient temperature
T
amb
-25
25
60
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
25
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com