Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW33.. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMW33..
Description  Power SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW33.. Datasheet(HTML) 6 Page - Vishay Siliconix

  VLMW33.. Datasheet HTML 1Page - Vishay Siliconix VLMW33.. Datasheet HTML 2Page - Vishay Siliconix VLMW33.. Datasheet HTML 3Page - Vishay Siliconix VLMW33.. Datasheet HTML 4Page - Vishay Siliconix VLMW33.. Datasheet HTML 5Page - Vishay Siliconix VLMW33.. Datasheet HTML 6Page - Vishay Siliconix VLMW33.. Datasheet HTML 7Page - Vishay Siliconix VLMW33.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VLMW33..
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 26-Sep-2022
6
Document Number: 81273
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
METHOD OF TAPING / POLARITY AND TAPE AND REEL
SMD LED (VLM.3-SERIES)
Vishay’s LEDs in SMD packages are available in an
antistatic
8
mm
blister
tape
(in
accordance
with
DIN IEC 40 (CO) 564) for automatic component insertion.
The blister tape is a plastic strip with impressed component
cavities, covered by a top tape.
TAPING OF VLM.3...
Fig. 10 - Tape Dimensions in mm for PLCC-2
REEL PACKAGE DIMENSION IN MILLIMETERS
FOR SMD LEDS, TAPE OPTION GS08
(= 1500 PCS.)
Fig. 11 - Reel Dimensions - GS08
REEL PACKAGE DIMENSION IN MILLIMETERS
FOR SMD LEDS, TAPE OPTION GS18
(= 8000 PCS.) PREFERRED
Fig. 12 - Reel Dimensions - GS18
SOLDERING PROFILE
Fig. 13 - Vishay Lead (Pb)-free Reflow Soldering Profile
(according to J-STD-020)
Fig. 14 - Double Wave Soldering of Opto Devices (all packages)
Adhesive tape
Component cavity
Blister tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668
180
178
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120°
94 8665
Identification
Label:
Vishay
type
group
tape code
production
code
quantity
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
type
group
tape code
production
code
quantity
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885-3
IR Reflow Soldering Profile for Lead (Pb)-free Soldering
Preconditioning acc. to JEDEC level 2a
max. 2 cycles allowed
255 °C
948626-1
10
100
1000
10000
0
100
200
300
0
50
100
150
200
250
TTW Soldering (according to CECC00802)
Time (s)
50
150
250
2 K/s
Second
wave
First wave
5 s
Full line: typical
Dotted lines:
process limits
Lead temperature
235 °C to
260 °C
100 °C to
130 °C
ca. 200 K/s
Forced cooling
ca. 5 K/s
ca. 2 K/s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com