Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW33.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMW33..
Description  Power SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW33.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMW33.. Datasheet HTML 1Page - Vishay Siliconix VLMW33.. Datasheet HTML 2Page - Vishay Siliconix VLMW33.. Datasheet HTML 3Page - Vishay Siliconix VLMW33.. Datasheet HTML 4Page - Vishay Siliconix VLMW33.. Datasheet HTML 5Page - Vishay Siliconix VLMW33.. Datasheet HTML 6Page - Vishay Siliconix VLMW33.. Datasheet HTML 7Page - Vishay Siliconix VLMW33.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLMW33..
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 26-Sep-2022
2
Document Number: 81273
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for short term application
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups.
Only one group will be shipped on each reel (there will be no
mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups will not
be orderable
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMW33..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 70 °C
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
127
mW
Junction temperature
Tj
110
°C
Storage temperature range
Tstg
-40 to +100
°C
Operating temperature range
Tamb
-40 to +100
°C
Thermal resistance junction-to- ambient
Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMW33.., WHITE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity
IF = 20 mA
VLMW33S2V1
IV
224
635
900
mcd
VLMW33U2AA
IV
560
650
1400
mcd
Chromaticity coordinate x
acc. to CIE 1931
IF = 20 mA
VLMW33..
x
-
0.33
-
Chromaticity coordinate y
acc. to CIE 1931
IF = 20 mA
VLMW33..
y
-
0.33
-
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-3.7
4.2
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Temperature coefficient of VF
IF = 20 mA
TCVF
--4
-
mV/K
Temperature coefficient of IV
IF = 20 mA
TCIV
--0.5-
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
S
1
180
224
2
224
280
T
1
280
355
2
355
450
U
1
450
560
2
560
710
V
1
710
900
2
900
1120
AA
1
1120
1400
CROSSING TABLE
VISHAY
OSRAM
VLMW33S2V1
LWT67C-S2V1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com