Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW33.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMW33..
Description  Power SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW33.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMW33.. Datasheet HTML 1Page - Vishay Siliconix VLMW33.. Datasheet HTML 2Page - Vishay Siliconix VLMW33.. Datasheet HTML 3Page - Vishay Siliconix VLMW33.. Datasheet HTML 4Page - Vishay Siliconix VLMW33.. Datasheet HTML 5Page - Vishay Siliconix VLMW33.. Datasheet HTML 6Page - Vishay Siliconix VLMW33.. Datasheet HTML 7Page - Vishay Siliconix VLMW33.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLMW33..
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 26-Sep-2022
1
Document Number: 81273
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power SMD LED PLCC-2
DESCRIPTION
This device has been designed to meet the increasing
demand for white SMD LED.
The package of the VLMW33.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled with a
mixture of epoxy and TAG phosphor.
The TAG phosphor converts the blue emission partially to
yellow, which mixes with the remaining blue to give white.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: power
• Angle of half intensity: ± 60°
FEATURES
• High efficient InGaN technology
• Chromaticity coordinate categorized according
to CIE1931 per packing unit
• Typical color temperature 5500 K
• ESD-withstand voltage: up to 1 kV according to
JESD22-A114-B
• EIA and ICE standard package
• Compatible with IR-reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape reel
• Preconditioning according to JEDEC® level 2a
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Backlighting for audio and video equipment
• Backlighting in office equipment
• Indoor and outdoor message boards
• Flat backlight for LCDs, switches, and symbols
• Illumination purposes, alternative to incandescent lamps
• General use
19225
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
COORDINATE
(x, y)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN. TYP. MAX.
VLMW33S2V1-5K8L-08
White
224
635
900
20
-
0.33,
0.33
-
20
-
3.7
4.2
20
InGaN /
TAG on SiC
VLMW33U2AA-5K8L-08
White
560
650
1400
20
-
0.33,
0.33
-
20
-
3.7
4.2
20
InGaN /
TAG on SiC
VLMW33U2AA-5K8L-18
White
560
650
1400
20
-
0.33,
0.33
-
20
-
3.7
4.2
20
InGaN /
TAG on SiC


Similar Part No. - VLMW33..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33 Datasheet
205Kb / 8P
Chromaticity coordinate categorized according to CIE1931 per packing unit
03-Nov-15
VLMW33 VISHAY-VLMW33 Datasheet
215Kb / 8P
Power SMD LED PLCC-2
23-Sep-2021
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1 TO-GRACE-VLMW33S2V1 Datasheet
671Kb / 8P
Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33S2V1-5K8L-08 VISHAY-VLMW33S2V1-5K8L-08 Datasheet
175Kb / 10P
Power SMD LED PLCC-2
25-Oct-07
VLMW33S2V1-5K8L-08 VISHAY-VLMW33S2V1-5K8L-08 Datasheet
205Kb / 8P
Chromaticity coordinate categorized according to CIE1931 per packing unit
03-Nov-15
More results

Similar Description - VLMW33..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
Power SMD LED PLCC-2
10-Sep-07
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
Power SMD LED PLCC-2
30-Apr-13
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
Power SMD LED PLCC-2
24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
Power SMD LED PLCC-2
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
Power SMD LED PLCC-2
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
Power SMD LED PLCC-2
VLMPG33N1P2 TO-GRACE-VLMPG33N1P2 Datasheet
851Kb / 8P
Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
Power SMD LED PLCC-2
24-Sep-2021
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
Power SMD LED PLCC-2
14-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com