Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW33.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMW33..
Description  Power SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW33.. Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMW33.. Datasheet HTML 1Page - Vishay Siliconix VLMW33.. Datasheet HTML 2Page - Vishay Siliconix VLMW33.. Datasheet HTML 3Page - Vishay Siliconix VLMW33.. Datasheet HTML 4Page - Vishay Siliconix VLMW33.. Datasheet HTML 5Page - Vishay Siliconix VLMW33.. Datasheet HTML 6Page - Vishay Siliconix VLMW33.. Datasheet HTML 7Page - Vishay Siliconix VLMW33.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VLMW33..
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 26-Sep-2022
3
Document Number: 81273
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Chromaticity coordinate groups are tested at a current pulse duration of 25 ms and a tolerance of ± 0.01
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
CHROMATICITY COORDINATED GROUPS FOR WHITE SMD LED
X
Y
X
Y
5L
0.291
0.268
7L
0.330
0.330
0.285
0.279
0.330
0.347
0.307
0.312
0.347
0.371
0.310
0.297
0.345
0.352
5K
0.296
0.259
7K
0.330
0.310
0.291
0.268
0.330
0.330
0.310
0.297
0.338
0.342
0.313
0.284
0.352
0.344
6L
0.310
0.297
8L
0.345
0.352
0.307
0.312
0.347
0.371
0.330
0.347
0.367
0.401
0.330
0.330
0.364
0.380
6K
0.313
0.284
8K
0.352
0.344
0.310
0.297
0.338
0.342
0.330
0.330
0.364
0.380
0.330
0.310
0.360
0.357
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
T
amb - Ambient Temperature (°C)
20917
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
10
20
30
40
50
60
70
80
90
100
400
450
500
550
600
650
700
750
800
λ - Wavelength (nm)
16196
1
10
100
2
2.5
3
3.5
4
4.5
5
VF - Forward Voltage (V)
19035



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com