Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2115 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2115
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2115 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2115 Datasheet HTML 1Page - Diodes Incorporated AP2115 Datasheet HTML 2Page - Diodes Incorporated AP2115 Datasheet HTML 3Page - Diodes Incorporated AP2115 Datasheet HTML 4Page - Diodes Incorporated AP2115 Datasheet HTML 5Page - Diodes Incorporated AP2115 Datasheet HTML 6Page - Diodes Incorporated AP2115 Datasheet HTML 7Page - Diodes Incorporated AP2115 Datasheet HTML 8Page - Diodes Incorporated AP2115 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115
Jul. 2011 Rev 1. 1
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2115
-
G1: Green
Circuit Type
TR: Tape & Reel
Blank: Tube
Package
Temperature
Range
Condition
Part Number
Marking ID
Packing
Type
AP2115M-1.2G1
2115M-1.2G1
Tube
1.2V
AP2115M-1.2TRG1
2115M-1.2G1
Tape & Reel
AP2115M-1.8G1
2115M-1.8G1
Tube
1.8V
AP2115M-1.8TRG1
2115M-1.8G1
Tape & Reel
AP2115M-2.5G1
2115M-2.5G1
Tube
2.5V
AP2115M-2.5TRG1
2115M-2.5G1
Tape & Reel
AP2115M-3.3G1
2115M-3.3G1
Tube
SOIC-8
-40 to 85
°C
3.3V
AP2115M-3.3TRG1
2115M-3.3G1
Tape & Reel
1.2V (R5)
AP2115R5-1.2TRG1
G22G
Tape & Reel
1.8V (R5)
AP2115R5-1.8TRG1
G22H
Tape & Reel
2.5V (R5)
AP2115R5-2.5TRG1
G37H
Tape & Reel
SOT-89-5
-40 to 85
°C
3.3V (R5)
AP2115R5-3.3TRG1
G41H
Tape & Reel
1.2V (R5A)
AP2115R5A-1.2TRG1
G27D
Tape & Reel
1.8V (R5A)
AP2115R5A-1.8TRG1
G27G
Tape & Reel
2.5V (R5A)
AP2115R5A-2.5TRG1
G41F
Tape & Reel
SOT-89-5
-40 to 85
°C
3.3V (R5A)
AP2115R5A-3.3TRG1
G41G
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
1.2V: Fixed Output 1.2V
1.8V: Fixed Output 1.8V
2.5V: Fixed Output 2.5V
3.3V: Fixed Output 3.3V
Package
M: SOIC-8
R5: SOT-89-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com