Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2115 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2115
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2115 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2115 Datasheet HTML 9Page - Diodes Incorporated AP2115 Datasheet HTML 10Page - Diodes Incorporated AP2115 Datasheet HTML 11Page - Diodes Incorporated AP2115 Datasheet HTML 12Page - Diodes Incorporated AP2115 Datasheet HTML 13Page - Diodes Incorporated AP2115 Datasheet HTML 14Page - Diodes Incorporated AP2115 Datasheet HTML 15Page - Diodes Incorporated AP2115 Datasheet HTML 16Page - Diodes Incorporated AP2115 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115
Jul. 2011 Rev 1. 1
BCD Semiconductor Manufacturing Limited
13
Typical Performance Characteristics (Continued)
Figure 16. Output Voltage vs. Output Current
Figure 17. Output Voltage vs. Output Current
Figure 18. Maximum Output Current vs. Input Voltage
Figure 19. Maximum Output Current vs. Input Voltage
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
AP2115_3.3V
Input Voltage (V)
C
IN
=4.7µF
C
OUT
=4.7µF
T
A
=25
oC
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
AP2115_1.2V
Input Voltage (V)
C
IN
=4.7µF
C
OUT
=4.7µF
T
A
=25
oC
0.00.2
0.40.6
0.81.0
1.21.4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
V
IN
=2.5V
V
IN
=3.3V
AP2115_1.2V
T
A
=25
oC
C
IN
=4.7µF
C
OUT
=4.7µF
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
IN
=4.3V
V
IN
=5V
AP2115_3.3V
T
A
=25
OC
C
IN
=4.7µF
C
OUT
=4.7µF
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com