Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2115 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2115
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2115 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2115 Datasheet HTML 3Page - Diodes Incorporated AP2115 Datasheet HTML 4Page - Diodes Incorporated AP2115 Datasheet HTML 5Page - Diodes Incorporated AP2115 Datasheet HTML 6Page - Diodes Incorporated AP2115 Datasheet HTML 7Page - Diodes Incorporated AP2115 Datasheet HTML 8Page - Diodes Incorporated AP2115 Datasheet HTML 9Page - Diodes Incorporated AP2115 Datasheet HTML 10Page - Diodes Incorporated AP2115 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115
Jul. 2011 Rev 1. 1
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics (Continued)
AP2115-1.8 Electrical Characteristics (Note 2)
VIN=2.8V, CIN=4.7µF (Ceramic), COUT=4.7µF (Ceramic), Typical TA=25°C, Bold typeface applies over -40°C≤TJ≤85°C
ranges, unless otherwise specified (Note 3).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN =2.8V, 1mA ≤ IOUT ≤ 30mA
98.5%
×VOUT
1.8
101.5%
× VOUT
V
Maximum Output Current
IOUT(MAX)
VIN=2.8V, VOUT=1.773V to 1.827V
1
A
Load Regulation
△
VOUT/VOUT
△
IOUT
VIN=2.8V, 1mA ≤ IOUT ≤1A
0.2
1
%/A
Line Regulation
△
VOUT/VOUT
△
VIN
2.8V≤VIN≤6V, IOUT=30mA
-0.1
0.02
0.1
%/V
Dropout Voltage
VDROP
IOUT=1.0A
500
750
mV
Quiescent Current
IQ
VIN=2.8V, IOUT=0mA
60
75
µA
f=100Hz
68
Power Supply Rejection
Ratio
PSRR
Ripple 1Vp-p
VIN=2.8V,
IOUT=100mA
f=1KHz
68
dB
Output Voltage
Temperature Coefficient
△
VOUT/VOUT
△
T
IOUT=30mA, TA =-40°C to 85°C
±30
ppm/°C
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
10Hz ≤ f ≤100kHz (No load)
30
µVRMS
VEN High Voltage
VIH
Enable logic high, regulator on
1.5
VEN Low Voltage
VIL
Enable logic low, regulator off
0.4
V
Standby Current
ISTD
VIN=3.5V, VEN in OFF mode
0.01
1.0
µA
Start-up Time
tS
No Load
20
µs
EN Pull Down Resistor
RPD
3.0
M
Ω
VOUT Discharge Resistor
RDCHG
Set EN pin at Low
60
Ω
Thermal
Shutdown
Temperature
TOTSD
160
Thermal
Shutdown
Hysteresis
THYOTSD
25
°C
SOIC-8
74.6
Thermal Resistance
θJC
SOT-89-5
47
°C/W
Note 2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input
voltage must be applied before a current source load is applied.
Note 3: Production testing at TA=25°C. Over temperature specifications guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com