Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2115 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2115
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2115 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2115 Datasheet HTML 1Page - Diodes Incorporated AP2115 Datasheet HTML 2Page - Diodes Incorporated AP2115 Datasheet HTML 3Page - Diodes Incorporated AP2115 Datasheet HTML 4Page - Diodes Incorporated AP2115 Datasheet HTML 5Page - Diodes Incorporated AP2115 Datasheet HTML 6Page - Diodes Incorporated AP2115 Datasheet HTML 7Page - Diodes Incorporated AP2115 Datasheet HTML 8Page - Diodes Incorporated AP2115 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115
Jul. 2011 Rev 1. 1
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
R5 Package
(SOT-89-5)
R5
R5A
123
4
5
VOUT
VIN
NC
GND
EN
M Package
(SOIC-8)
Figure 2. Pin Configuration of AP2115 (Top View)
Pin Descriptions
Pin No.
SOT-89-5
SOIC-8
Name
Function
1
2, 3, 4
NC/EN
No connection/Chip Enable
2
6, 7
GND
GND
3
5
EN/NC
Chip Enable, H – normal work, L – shutdown output/ No
Connection
4
8
VIN
Input Voltage
5
1
VOUT
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com