Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP1502
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP1502 Datasheet HTML 20Page - Microchip Technology MCP1502 Datasheet HTML 21Page - Microchip Technology MCP1502 Datasheet HTML 22Page - Microchip Technology MCP1502 Datasheet HTML 23Page - Microchip Technology MCP1502 Datasheet HTML 24Page - Microchip Technology MCP1502 Datasheet HTML 25Page - Microchip Technology MCP1502 Datasheet HTML 26Page - Microchip Technology MCP1502 Datasheet HTML 27Page - Microchip Technology MCP1502 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2021 Microchip Technology Inc. and its subsidiaries
DS20006593A-page 25
MCP1502
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Output Voltage
Option
Device
Device:
MCP1502 – 7 ppm maximum thermal drift buffered reference
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Output Voltage
Option:
10
= 1.024V
12
= 1.250V
18
= 1.800V
20
= 2.048V
25
= 2.500V
30
= 3.000V
33
= 3.300V
40
= 4.096V
Package:
CHY* = 6-Lead Plastic Small Outline Transistor (SOT-23)
*Y
= Nickel palladium gold manufacturing designator. Only
available on the SOT-23 package.
Examples:
a) MCP1502T-10E/CHY: 1.024V, 6-Lead SOT-23
Package, Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.
[X](1)
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com