Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1502
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1502 Datasheet HTML 3Page - Microchip Technology MCP1502 Datasheet HTML 4Page - Microchip Technology MCP1502 Datasheet HTML 5Page - Microchip Technology MCP1502 Datasheet HTML 6Page - Microchip Technology MCP1502 Datasheet HTML 7Page - Microchip Technology MCP1502 Datasheet HTML 8Page - Microchip Technology MCP1502 Datasheet HTML 9Page - Microchip Technology MCP1502 Datasheet HTML 10Page - Microchip Technology MCP1502 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2021 Microchip Technology Inc. and its subsidiaries
DS20006593A-page 7
MCP1502
2.1
Terminology
2.1.1
OUTPUT VOLTAGE (VOUT)
Output Voltage (VOUT) is the reference voltage that is
available on the OUT pin.
2.1.2
INPUT VOLTAGE (VIN)
The Input Voltage (VIN) is the range of voltage that can
be applied to the VDD pin and still have the device
produce the designated output voltage on the OUT pin.
2.1.3
TEMPERATURE COEFFICIENT (TC)
The output Temperature Coefficient (TC) or voltage drift
is a measure of how much the output voltage will vary
from its initial value with changes in ambient tempera-
ture. The value specified in the electrical specifications
is measured as shown in Equation 2-1.
EQUATION 2-1:
TC CALCULATION
2.1.4
DROPOUT VOLTAGE (VDO)
The Dropout Voltage (VDO) is defined as the voltage
difference between VDD and VOUT under a 5 mA load,
where VOUT is reduced by 1% from the nominal value.
2.1.5
LINE REGULATION
An ideal voltage reference will maintain a constant
output voltage, regardless of any changes to the input
voltage. However, when real devices are considered, a
small error may be measured on the output when an
input voltage change occurs.
Line regulation is defined as the change in Output
Voltage (
VOUT) as a function of a change in the Input
Voltage (
VIN), and expressed as a percentage, as
shown in Equation 2-2.
EQUATION 2-2:
Line regulation may also be expressed as %/V or in
ppm/V, as shown in Equation 2-3 and Equation 2-4,
respectively.
EQUATION 2-3:
EQUATION 2-4:
As an example, if the MCP1502-20 is implemented in a
design and a 2 μV change in output voltage is
measured from a 250 mV change on the input, then the
error in percent and ppm/volt will be as shown in
Equation 2-5 and Equation 2-6.
EQUATION 2-5:
EQUATION 2-6:
T
c
VOUT MAX
 VOUT MIN

–
TV
OUT NOM

--------------------------------------------------------------------------- 10
6
ppm/
C
=
Where:
VOUT(MAX) = Maximum output voltage over
the temperature range
VOUT(MIN) = Minimum output voltage over the
temperature range
VOUT(NOM) = Average output voltage over the
temperature range
T = Temperature range over which
the data were collected
V
OUT
V
IN
-------------------- 100%
% Line Regulation
=
V
OUT
VOUT NOM

-----------------------------------



V
IN
----------------------------------------- 100%
%
V
----- Line Regulation
=
V
OUT
VOUT NOM

-----------------------------------



V
IN
----------------------------------------- 10
6
ppm
V
----------- Line Regulation
=
V
OUT
V
IN
-------------------- 100%



2
V
250 mV
------------------ 100%


.0008%
=
V
OUT
V
IN
-------------------- 10
6
2
V
2.048V
-----------------


250 mV
-----------------------





10
6
3.90625 ppm
V
------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com