Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1502
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1502 Datasheet HTML 1Page - Microchip Technology MCP1502 Datasheet HTML 2Page - Microchip Technology MCP1502 Datasheet HTML 3Page - Microchip Technology MCP1502 Datasheet HTML 4Page - Microchip Technology MCP1502 Datasheet HTML 5Page - Microchip Technology MCP1502 Datasheet HTML 6Page - Microchip Technology MCP1502 Datasheet HTML 7Page - Microchip Technology MCP1502 Datasheet HTML 8Page - Microchip Technology MCP1502 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2021 Microchip Technology Inc. and its subsidiaries
DS20006593A-page 3
MCP1502
1.0
PIN FUNCTION TABLE
The pin functions are described in Table 1-1.
1.1
Buffered VREF Output (OUT)
This is the buffered reference output. The output driver
is tri-stated when in shutdown.
1.2
System Ground (GND)
This is the power supply return and should be
connected to system ground.
1.3
Shutdown Pin (SHDN)
This is a digital input that will place the device in
shutdown. The device should be allowed to power up
before using this feature. This pin is active-low. When
this pin is low, there will be no output.
1.4
Power Supply Input (VDD)
This power pin also serves as the input voltage for the
voltage reference. Refer to Section 2.0 “Electrical
Characteristics” to determine minimum voltage
based on the device. It is recommended to connect a
0.1 µF capacitor very close to the VDD pin.
TABLE 1-1:
PIN FUNCTION TABLE
SOT-23
Symbol
Function
1OUT
VREF Output
2, 3, 5
GND
System Ground
4
SHDN
Shutdown Pin Active-Low
6VDD
Power Supply Input
Note:
Before using the Shutdown pin, the device
should first be powered up. Once the
device is fully powered up, the Shutdown
pin can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com