Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1502
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1502 Datasheet HTML 9Page - Microchip Technology MCP1502 Datasheet HTML 10Page - Microchip Technology MCP1502 Datasheet HTML 11Page - Microchip Technology MCP1502 Datasheet HTML 12Page - Microchip Technology MCP1502 Datasheet HTML 13Page - Microchip Technology MCP1502 Datasheet HTML 14Page - Microchip Technology MCP1502 Datasheet HTML 15Page - Microchip Technology MCP1502 Datasheet HTML 16Page - Microchip Technology MCP1502 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2021 Microchip Technology Inc. and its subsidiaries
DS20006593A-page 13
MCP1502
Note: Unless otherwise specified, maximum values are: VDD(MIN) VDD  5.5V at TA = +25°C.
FIGURE 3-25:
Line Regulation Transient
Response @ +25°C for All Options.
FIGURE 3-26:
MCP1502-10 Transient
Response vs. Capacitive Load, VDD = 5V.
FIGURE 3-27:
MCP1502-20 Transient
Response vs. Capacitive Load, VDD = 5V.
FIGURE 3-28:
MCP1502-40 Transient
Response vs. Capacitive Load, VDD = 5V.
FIGURE 3-29:
MCP1502-10 Transient
Response vs. RS, VDD = 5V, CL = 4.7 nF.
FIGURE 3-30:
MCP1502-20 Transient
Response vs. RS, VDD = 5V, CL = 4.7 nF.
50 μs/div
V
DD:
500 mV/div
V
REF: (all voltage options)
200 mV/div
V
DD (V)
V
REF (V)
10 μs/div
C
L = 100 pF
C
L = 1 nF
C
L = 4.7 nF
C
L = 10 nF
10 μs/div
C
L = 100 pF
C
L = 1 nF
C
L = 4.7 nF
C
L = 10 nF
10 μs/div
C
L = 100 pF
C
L = 1 nF
C
L = 4.7 nF
C
L = 10 nF
10 μs/div
R
S = 0
R
S = 100Ω
R
S = 330Ω
10 μs/div
R
S = 0
R
S = 100Ω
R
S = 330Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com