Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2128 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2128 Datasheet HTML 1Page - Diodes Incorporated AP2128 Datasheet HTML 2Page - Diodes Incorporated AP2128 Datasheet HTML 3Page - Diodes Incorporated AP2128 Datasheet HTML 4Page - Diodes Incorporated AP2128 Datasheet HTML 5Page - Diodes Incorporated AP2128 Datasheet HTML 6Page - Diodes Incorporated AP2128 Datasheet HTML 7Page - Diodes Incorporated AP2128 Datasheet HTML 8Page - Diodes Incorporated AP2128 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
4
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.
Ordering Information
Circuit Type
Package
K: SOT-23-5
AP2128
-
TR: Tape and Reel
ADJ: ADJ Output
G1: Green
1.0: Fixed Output 1.0V
1.2: Fixed Output 1.2V
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
2.8: Fixed Output 2.8V
3.3: Fixed Output 3.3V
4.2: Fixed Output 4.2V
4.75: Fixed Output 4.75V
5.2: Fixed Output 5.2V
Product
Package
Temperature
Range
Part Number
Marking ID
Packing Type
AP2128
SOT-23-5
-40 to 85oC
AP2128K- ADJTRG1
FAD
Tape & Reel
AP2128K-1.0TRG1
FAJ
Tape & Reel
AP2128K-1.2TRG1
FAK
Tape & Reel
AP2128K-1.5TRG1
GAN
Tape & Reel
AP2128K-1.8TRG1
GAP
Tape & Reel
AP2128K-2.5TRG1
GAQ
Tape & Reel
AP2128K-2.8TRG1
GAR
Tape & Reel
AP2128K-3.0TRG1
GAW
Tape & Reel
AP2128K-3.3TRG1
FAL
Tape & Reel
AP2128K-3.9TRG1
GBU
Tape & Reel
AP2128K-4.2TRG1
GAZ
Tape & Reel
AP2128K-4.75TRG1
GFZ
Tape & Reel
AP2128K-5.2TRG1
GAV
Tape & Reel
3.0: Fixed Output 3.0V
3.9: Fixed Output 3.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com