Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2128 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2128 Datasheet HTML 9Page - Diodes Incorporated AP2128 Datasheet HTML 10Page - Diodes Incorporated AP2128 Datasheet HTML 11Page - Diodes Incorporated AP2128 Datasheet HTML 12Page - Diodes Incorporated AP2128 Datasheet HTML 13Page - Diodes Incorporated AP2128 Datasheet HTML 14Page - Diodes Incorporated AP2128 Datasheet HTML 15Page - Diodes Incorporated AP2128 Datasheet HTML 16Page - Diodes Incorporated AP2128 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
13
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
-40
-20
0
20406080
100
120
62
63
64
65
66
67
68
69
70
71
Case Temperature (
oC)
I
OUT=0
V
IN=4.3V, VOUT=3.3V
Figure 18. Quiescent Current vs. Input Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
10
20
30
40
50
60
70
80
Input Voltage (V)
T
C=25
oC
I
OUT=0, VOUT=0.8V
0123
456
0
10
20
30
40
50
60
70
80
Input Voltage (V)
T
C=25
oC
I
OUT=0, VOUT=3.3V
Figure 16. Quiescent Current vs. Case Temperature
Figure 17. Quiescent Current vs. Case Temperature
Figure 19. Quiescent Current vs. Input Voltage
Typical Performance Characteristics (Continued)
-40
-20
0
20406080
100
120
60
62
64
66
68
70
72
74
Case Temperature (
oC)
I
OUT=0
V
IN=6V, VOUT=5.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com