Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2128 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2128 Datasheet HTML 4Page - Diodes Incorporated AP2128 Datasheet HTML 5Page - Diodes Incorporated AP2128 Datasheet HTML 6Page - Diodes Incorporated AP2128 Datasheet HTML 7Page - Diodes Incorporated AP2128 Datasheet HTML 8Page - Diodes Incorporated AP2128 Datasheet HTML 9Page - Diodes Incorporated AP2128 Datasheet HTML 10Page - Diodes Incorporated AP2128 Datasheet HTML 11Page - Diodes Incorporated AP2128 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
8
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=VOUT+1V
1mA
≤IOUT≤300mA
98%
×
VOUT
102%
×
VOUT
V
Input Voltage
VIN
2.5
6
V
Maximum Output Current
IOUT(MAX)
VIN-VOUT=1V,
VOUT=98%×VOUT
300
400
mA
Current Limit
ILIMIT
VIN-VOUT=1V
450
mA
Load Regulation
∆VOUT
/(
∆IOUT*VOUT)
VIN-VOUT=1V,
1mA
≤IOUT≤300mA
0.6
%/A
Line Regulation
∆VOUT
/(
∆VIN*VOUT)
VOUT+0.5V≤VIN≤6V,
IOUT=30mA
0.06
%/V
Dropout Voltage
VDROP
VOUT=2.5V, 2.8V, 3.0V, 3.3V,
3.9V, 4.2V, IOUT=300mA
170
300
mV
VOUT=4.75V and 5.2V,
IOUT=300mA
140
300
Quiescent Current
IQ
VIN=VOUT+1V, IOUT=0mA
60
90
µA
Standby Current
ISTD
VIN=VOUT+1V,
VSHUTDOWN in off mode
0.1
1.0
µA
Power Supply
Rejection Ratio
PSRR
AP2128-2.5V to
4.2V, Ripple
1Vp-p
VIN=VOUT+1V
f=100Hz
68
dB
f=1KHz
68
f=10KHz
54
AP2128-4.75V ,
Ripple 0.5Vp-p
VIN=VOUT+1V
f=100Hz
63
f=1KHz
63
f=10KHz
45
AP2128-5.2V ,
Ripple 0.5Vp-p
VIN=6V
f=100Hz
63
f=1KHz
63
f=10KHz
45
Output Voltage
Temperature Coefficient
(
∆VOUT/VOUT)
/
∆T
IOUT=30mA, -40oC≤TA≤85oC
±100
ppm/oC
Short Current Limit
ISHORT
VOUT=0V
50
mA
(AP2128-2.5V/2.8V/3.0V/3.3V/3.9V/4.2V/4.75V, VIN=VOUT+1V; AP2128-5.2V, VIN=6V, CIN=1µF, COUT=1µF, Bold type-
face applies over -40oC
≤TA≤85oC, unless otherwise specified.)
Electrical Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com