Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2128 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2128 Datasheet HTML 1Page - Diodes Incorporated AP2128 Datasheet HTML 2Page - Diodes Incorporated AP2128 Datasheet HTML 3Page - Diodes Incorporated AP2128 Datasheet HTML 4Page - Diodes Incorporated AP2128 Datasheet HTML 5Page - Diodes Incorporated AP2128 Datasheet HTML 6Page - Diodes Incorporated AP2128 Datasheet HTML 7Page - Diodes Incorporated AP2128 Datasheet HTML 8Page - Diodes Incorporated AP2128 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
3
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
Functional Block Diagram (Continued)
Figure 3. Functional Block Diagram of AP2128
Adjustable Version
Shutdown
and
Logic Control
Current Limint
And
Thermal
Protection
MOS Driver
VREF
SHUTDOWN
GND
VIN
VOUT
ADJ
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com