Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 24Page - NXP Semiconductors MPC8610EC Datasheet HTML 25Page - NXP Semiconductors MPC8610EC Datasheet HTML 26Page - NXP Semiconductors MPC8610EC Datasheet HTML 27Page - NXP Semiconductors MPC8610EC Datasheet HTML 28Page - NXP Semiconductors MPC8610EC Datasheet HTML 29Page - NXP Semiconductors MPC8610EC Datasheet HTML 30Page - NXP Semiconductors MPC8610EC Datasheet HTML 31Page - NXP Semiconductors MPC8610EC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Electrical Characteristics
Freescale Semiconductor
28
Table 20 provides the input AC timing specifications for the DDR SDRAM when GVDD(typ)=2.5 V.
Table 21 provides the input AC timing specifications for the DDR SDRAM interface.
Figure 4 shows the DDR SDRAM input timing for the MDQS to MDQ skew measurement (tDISKEW).
Figure 4. DDR Input Timing Diagram for tDISKEW
Table 20. DDR SDRAM Input AC Timing Specifications for 2.5-V Interface
At recommended operating conditions.
Parameter
Symbol
Min
Max
Unit
AC input low voltage
VIL
—MVREF – 0.31
V
AC input high voltage
VIH
MVREF + 0.31
—
V
Table 21. DDR SDRAM Input AC Timing Specifications
At recommended operating conditions.
Parameter
Symbol
Min
Max
Unit
Notes
Controller Skew for MDQS—MDQ/MECC
tCISKEW
ps
1, 2
533 MHz
400 MHz
333 MHz
–300
–365
–390
300
365
390
3
Notes:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that
will be captured with MDQS[
n]. This should be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW.This can be
determined by the following equation: tDISKEW = ±(T/4 – abs(tCISKEW)), where T is the clock period and abs(tCISKEW) is the
absolute value of tCISKEW.
3. Maximum DDR1 frequency is 400 MHz.
MCK[
n]
MCK[
n]
tMCK
MDQ[x]
MDQS[
n]
tDISKEW
D1
D0
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com