Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 65 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 61Page - NXP Semiconductors MPC8610EC Datasheet HTML 62Page - NXP Semiconductors MPC8610EC Datasheet HTML 63Page - NXP Semiconductors MPC8610EC Datasheet HTML 64Page - NXP Semiconductors MPC8610EC Datasheet HTML 65Page - NXP Semiconductors MPC8610EC Datasheet HTML 66Page - NXP Semiconductors MPC8610EC Datasheet HTML 67Page - NXP Semiconductors MPC8610EC Datasheet HTML 68Page - NXP Semiconductors MPC8610EC Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
65
2.18.4.2
Transmitter Compliance Eye Diagrams
The TX eye diagram in Figure 41 is specified using the passive compliance/test measurement load (see Figure 43) in place of
any real PCI Express interconnect + RX component.
There are two eye diagrams that must be met for the transmitter. Both eye diagrams must be aligned in time using the jitter
median to locate the center of the eye diagram. The different eye diagrams will differ in voltage depending whether it is a
transition bit or a de-emphasized bit. The exact reduced voltage level of the de-emphasized bit will always be relative to the
transition bit.
The eye diagram must be valid for any 250 consecutive UIs.
A recovered TX UI is calculated over 3500 consecutive unit intervals of sample data. The eye diagram is created using all edges
of the 250 consecutive UI in the center of the 3500 UI used for calculating the TX UI.
NOTE
It is recommended that the recovered TX UI is calculated using all edges in the 3500
consecutive UI interval with a fit algorithm using a minimization merit function (i.e., least
squares and median deviation fits).
Tcrosslink
Crosslink
random timeout
0
1
ms
This random timeout helps resolve conflicts in
crosslink configuration by eventually resulting in only
one downstream and one upstream port. See Note 7
Notes:
1.) No test load is necessarily associated with this value.
2.) Specified at the measurement point into a timing and voltage compliance test load as shown in Figure 43 and measured over
any 250 consecutive TX UIs. (Also refer to the transmitter compliance eye diagram shown in Figure 41.)
3.) A TTX-EYE = 0.70 UI provides for a total sum of deterministic and random jitter budget of TTX-JITTER-MAX = 0.30 UI for the
transmitter collected over any 250 consecutive TX UIs. The TTX-EYE-MEDIAN-to-MAX-JITTER median is less than half of the total
TX jitter budget collected over any 250 consecutive TX UIs. It should be noted that the median is not the same as the mean.
The jitter median describes the point in time where the number of jitter points on either side is approximately equal as opposed
to the averaged time value.
4.) The transmitter input impedance shall result in a differential return loss greater than or equal to 12 dB and a common mode
return loss greater than or equal to 6 dB over a frequency range of 50 MHz to 1.25 GHz. This input impedance requirement
applies to all valid input levels. The reference impedance for return loss measurements is 50
Ω to ground for both the D+ and
D– line (that is, as measured by a vector network analyzer with 50-
Ω probes—see Figure 43). Note that the series capacitors
CTX is optional for the return loss measurement.
5.) Measured between 20–80% at transmitter package pins into a test load as shown in Figure 43 for both VTX-D+ and VTX-D–.
6.) See Section 4.3.1.8 of the
PCI Express Base Specifications, Rev. 1.0a.
7.) See Section 4.2.6.3 of the
PCI Express Base Specifications, Rev. 1.0a.
Table 49. Differential Transmitter (TX) Output Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com