Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 9Page - NXP Semiconductors MPC8610EC Datasheet HTML 10Page - NXP Semiconductors MPC8610EC Datasheet HTML 11Page - NXP Semiconductors MPC8610EC Datasheet HTML 12Page - NXP Semiconductors MPC8610EC Datasheet HTML 13Page - NXP Semiconductors MPC8610EC Datasheet HTML 14Page - NXP Semiconductors MPC8610EC Datasheet HTML 15Page - NXP Semiconductors MPC8610EC Datasheet HTML 16Page - NXP Semiconductors MPC8610EC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Pin Assignments and Reset States
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
13
Reset Configuration Signals15
LAD[0:31]
cfg_gpinout[0:31]
AA21, AA22, AA23, Y21, Y22, Y23, Y24,
W23, W24, W25, V28, V27, V25, V23, V21,
W22, U28, U26, U24, U22, U23, U20, U21,
W20, V20, T24, T25, T27, T26, T21, T22,
T23
—BVDD
LA10/SSI1_TXD
cfg_ssi_la_sel
P19
—
BVDD
LA[25:26]
cfg_elbc_clkdiv[0:1]
M23, N23
—
BVDD
LA27
cfg_cpu_boot
N24
—
BVDD
DIU_LD[10], LA[28:31]
cfg_sys_pll[0:4]
R6, M26, N20, N21, N22
—
BVDD
LWE0/LFWE/LBS0
cfg_pci_speed
T19
—
BVDD
LWE/LBS[1:3]
cfg_host_agt[0:2]
T20, W19, T18
—
BVDD
LBCTL, LALE,
LGPL2/LOE/LFRE,
DIU_LD4
cfg_core_pll[0:3]
T28, R28, L21, W4
—
BVDD
LGPL0/LFCLE
cfg_net2_div
L19
—
BVDD
12
LGPL1/LFALE
cfg_pci_clk
L20
—
BVDD
LGPL3/LFWP, LGPL5
cfg_boot_seq[0:1]
L22, L24
—
BVDD
DIU_LD[0]
cfg_elbc_ecc
V6
—
OVDD
DIU_LD[7:9]
cfg_io_ports[0:2]
U5, T7, R4
—
OVDD
DIU_LD[11:12]
cfg_dram_type[0:1]
R7, R8
—
OVDD
DIU_DE, DIU_LD[13:15]
cfg_rom_loc[0:3]
U4, T9, R9, T3
—
OVDD
DIU_VSYNC
cfg_pci_impd
V7
—
OVDD
DIU_HSYNC
cfg_pci_arb
U7
—
OVDD
UART_RTS0
cfg_wdt_en
G26
—
OVDD
Table 1. Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com