Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2139 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2139
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2139 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2139 Datasheet HTML 1Page - Diodes Incorporated AP2139 Datasheet HTML 2Page - Diodes Incorporated AP2139 Datasheet HTML 3Page - Diodes Incorporated AP2139 Datasheet HTML 4Page - Diodes Incorporated AP2139 Datasheet HTML 5Page - Diodes Incorporated AP2139 Datasheet HTML 6Page - Diodes Incorporated AP2139 Datasheet HTML 7Page - Diodes Incorporated AP2139 Datasheet HTML 8Page - Diodes Incorporated AP2139 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AP2138/2139
Document number: DS37428 Rev. 5 - 2
4 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP2138/2139
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
6.6
V
VCE
Enable Input Voltage (AP2139)
-0.3 to VIN+0.3
V
TLEAD
Lead Temperature
+260
°C
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
ESD
ESD (Machine Model)
350
V
ESD
ESD (Human Body Model)
2000
V
θJA
Thermal Resistance (Note 6)
SOT-23-3
250
°C/W
SOT-23-5
250
SOT-89
165
Notes:
5.
Stresses greater than those listed under “Absolute Maximum Ratings” can cause permanent damage to the device. These are stress ratings only, and
functional op
eration of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods can affect device reliability.
6. Absolute maximum ratings indicate limits beyond which damage to the component can occur. Electrical specifications do not apply when operating the
device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the junction-
to-
ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD(max)=(TJ(max) -TA)/θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.5
6.0
V
TA
Operating Ambient Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com