Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2139 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP2139
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2139 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP2139 Datasheet HTML 16Page - Diodes Incorporated AP2139 Datasheet HTML 17Page - Diodes Incorporated AP2139 Datasheet HTML 18Page - Diodes Incorporated AP2139 Datasheet HTML 19Page - Diodes Incorporated AP2139 Datasheet HTML 20Page - Diodes Incorporated AP2139 Datasheet HTML 21Page - Diodes Incorporated AP2139 Datasheet HTML 22Page - Diodes Incorporated AP2139 Datasheet HTML 23Page - Diodes Incorporated AP2139 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AP2138/2139
Document number: DS37428 Rev. 5 - 2
20 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP2138/2139
Ordering Information
AP213X X XX - XX XX XX
Packing
Package
TR : Tape & Reel
8 : AP2138
9 : AP2139
Product Name
Product Version
R/RA : SOT-89
N : SOT-23-3
K : SOT-23-5
G1 : RoHS Compliant
and Green
Condition
Voltage Version
A : Active High
With Built-in
Blank: No Enable
Resistor
Function
RoHS/Green
1.2 : Fixed Output 1.2V
1.4 : Fixed Output 1.4V
1.5 : Fixed Output 1.5V
1.8 : Fixed Output 1.8V
2.5 : Fixed Output 2.5V
2.8 : Fixed Output 2.8V
3.0 : Fixed Output 3.0V
3.3 : Fixed Output 3.3V
3.6 : Fixed Output 3.6V
4.0 : Fixed Output 4.0V
2.1 : Fixed Output 2.1V
2.2 : Fixed Output 2.2V
Package
Temperature
Range
Condition
Part Number
Marking ID
Packing
SOT-23-3
-40 to +85°C
1.2V
AP2138N-1.2TRG1
JB
3000/Tape & Reel
1.4V
AP2138N-1.4TRG1
JC
3000/Tape & Reel
1.5V
AP2138N-1.5TRG1
JD
3000/Tape & Reel
1.8V
AP2138N-1.8TRG1
JE
3000/Tape & Reel
2.1V
AP2138N-2.1TRG1
JF
3000/Tape & Reel
2.2V
AP2138N-2.2TRG1
PT
3000/Tape & Reel
2.5V
AP2138N-2.5TRG1
PU
3000/Tape & Reel
2.8V
AP2138N-2.8TRG1
PV
3000/Tape & Reel
3.0V
AP2138N-3.0TRG1
PW
3000/Tape & Reel
3.3V
AP2138N-3.3TRG1
PX
3000/Tape & Reel
3.6V
AP2138N-3.6TRG1
PY
3000/Tape & Reel
4.0V (NRND)(Note 7)
AP2138N-4.0TRG1
UA
3000/Tape & Reel
SOT-89
-40 to +85°C
1.2V (R) (NRND)(Note 7)
AP2138R-1.2TRG1
J2A
1000/Tape & Reel
1.4V (R) (NRND)(Note 7)
AP2138R-1.4TRG1
J2B
1000/Tape & Reel
1.5V (R) (NRND)(Note 7)
AP2138R-1.5TRG1
J2C
1000/Tape & Reel
1.8V (R) (NRND)(Note 7)
AP2138R-1.8TRG1
J2D
1000/Tape & Reel
2.5V (R) (NRND)(Note 7)
AP2138R-2.5TRG1
J2E
1000/Tape & Reel
2.8V (R) (NRND)(Note 7)
AP2138R-2.8TRG1
J2F
1000/Tape & Reel
3.0V (R) (NRND)(Note 7)
AP2138R-3.0TRG1
J2G
1000/Tape & Reel
3.3V (R) (NRND)(Note 7)
AP2138R-3.3TRG1
J2H
1000/Tape & Reel
3.6V (R) (NRND)(Note 7)
AP2138R-3.6TRG1
J2J
1000/Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com