Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2139 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP2139
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2139 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP2139 Datasheet HTML 13Page - Diodes Incorporated AP2139 Datasheet HTML 14Page - Diodes Incorporated AP2139 Datasheet HTML 15Page - Diodes Incorporated AP2139 Datasheet HTML 16Page - Diodes Incorporated AP2139 Datasheet HTML 17Page - Diodes Incorporated AP2139 Datasheet HTML 18Page - Diodes Incorporated AP2139 Datasheet HTML 19Page - Diodes Incorporated AP2139 Datasheet HTML 20Page - Diodes Incorporated AP2139 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AP2138/2139
Document number: DS37428 Rev. 5 - 2
17 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP2138/2139
Performance Characteristics
Output Voltage vs. Input Voltage
Output Voltage vs. Junction Temperature
Output Voltage vs. Output Current
Quiescent Current vs. Input Voltage
Quiescent Current vs. Junction Temperature
Quiescent Current vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
AP2138-3.3
No load
T
J
=-40
oC
T
J
=25
oC
T
J
=85
oC
Input Voltage (V)
-40
-20
0
20
40
60
80
100
120
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
AP2138-3.3
Junction Temperature(
oC)
I
OUT
=10mA
I
OUT
=100mA
I
OUT
=150mA
I
OUT
=200mA
I
OUT
=250mA
0
25
50
75
100
125
150
175
200
225
250
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
AP2138-3.3
V
IN
=4.3V
T
J
=25
oC
Output Current (mA)
0
1
2
3
4
5
6
7
8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
AP2138-3.3
No Load
T
J
=-40
oC
T
J
=25
oC
T
J
=85
oC
Input Voltage (V)
-40
-20
0
20
40
60
80
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
AP2138-3.3
V
IN
=4.3V
No Load
Junction Temperature(
oC)
0
25
50
75
100
125
150
175
200
225
250
0
5
10
15
20
25
30
35
40
45
50
AP2138-3.3
V
IN
=4.3V
T
J
=-40
oC
T
J
=25
oC
T
J
=85
oC
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com